Electronic Components Datasheet Search
  English  ▼

X  

TMP401 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP401 Datasheet HTML 5Page - Texas Instruments TMP401 Datasheet HTML 6Page - Texas Instruments TMP401 Datasheet HTML 7Page - Texas Instruments TMP401 Datasheet HTML 8Page - Texas Instruments TMP401 Datasheet HTML 9Page - Texas Instruments TMP401 Datasheet HTML 10Page - Texas Instruments TMP401 Datasheet HTML 11Page - Texas Instruments TMP401 Datasheet HTML 12Page - Texas Instruments TMP401 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
500
450
400
350
300
250
200
150
100
50
0
SCL CLock Frequency (Hz)
1k
10k
100k
1M
10M
V+ = 5.5 V
V+ = 3.3 V
8
7
6
5
4
3
2
1
0
V+ (V)
3
3.5
4
4.5
5
5.5
25
20
15
10
5
0
-5
-10
-15
-20
-25
Frequency (MHz)
0
5
10
15
Local 100-mV
Noise
PP
Remote 100-mV
Noise
PP
Local 250-mV
Noise
PP
Remote 250-mV
Noise
PP
500
450
400
350
300
250
200
150
100
50
0
Conversion Rate (samples/s)
0.0625
0.125
0.25
0.5
1
2
4
8
V+ = 5.5 V
V+ = 3.3 V
TMP401
www.ti.com
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
Typical Characteristics (continued)
At TA = +25°C and V+ = 5.0 V, unless otherwise noted.
Figure 7. Temperature Error vs
Figure 8. Quiescent Current vs Conversion Rate
Power-Supply Noise Frequency
Figure 9. Shutdown Quiescent Current vs
Figure 10. Shutdown Quiescent Current vs Supply Voltage
SCL Clock Frequency
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com