Electronic Components Datasheet Search
  English  ▼

X  

TMP401 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP401 Datasheet HTML 6Page - Texas Instruments TMP401 Datasheet HTML 7Page - Texas Instruments TMP401 Datasheet HTML 8Page - Texas Instruments TMP401 Datasheet HTML 9Page - Texas Instruments TMP401 Datasheet HTML 10Page - Texas Instruments TMP401 Datasheet HTML 11Page - Texas Instruments TMP401 Datasheet HTML 12Page - Texas Instruments TMP401 Datasheet HTML 13Page - Texas Instruments TMP401 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
0.1 F
m
10 kW
(typ)
10 kW
(typ)
10 kW
(typ)
10 kW
(typ)
TMP401
D+
D-
V+
1
8
7
6
4
5
3
2
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
SCL
SDA
ALERT/THERM2
THERM
+5 V
SMBus
Controller
Fan Controller
Diode-connected configuration :
(1)
Series Resistance
Transistor-connected configuration :
(1)
TMP401
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The TMP401 is a dual-channel digital temperature sensor that combines a local die temperature measurement
channel and a remote junction temperature measurement channel in a single VSSOP-8 package. The TMP401 is
two-wire- and SMBus interface-compatible and is specified over a temperature range of –40°C to +125°C. The
TMP401 contains multiple registers for holding configuration information, temperature measurement results,
temperature comparator limits, and status information.
User-programmed high and low temperature limits stored in the TMP401 can be used to monitor local and
remote temperatures to trigger an over- and undertemperature alarm (ALERT). Additional thermal limits can be
programmed into the TMP401 and used to trigger another flag (THERM) that can be used to initiate a system
response to rising temperatures.
The TMP401 requires only a transistor connected between D+ and D– for proper remote temperature sensing
operation. The SCL and SDA interface pins require pull-up resistors as part of the communication bus, while
ALERT and THERM are open-drain outputs that also need pull-up resistors. ALERT and THERM may be shared
with other devices if desired for a wired-OR implementation. A 0.1-
μF power-supply bypass capacitor is
recommended for good local bypassing. Figure 11 shows a typical configuration for the TMP401.
(1) The diode-connected configuration provides better settling time. The transistor-connected configuration provides better series resistance
cancellation. A 2N3906 PNP is used in this configuration.
(2) In most applications, RS is < 1.5 kΩ.
(3) In most applications, CDIFF is < 1000 pF.
Figure 11. Basic Connections
10
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com