Electronic Components Datasheet Search
  English  ▼

X  

TMP401 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 4 Page - Texas Instruments

  TMP401 Datasheet HTML 1Page - Texas Instruments TMP401 Datasheet HTML 2Page - Texas Instruments TMP401 Datasheet HTML 3Page - Texas Instruments TMP401 Datasheet HTML 4Page - Texas Instruments TMP401 Datasheet HTML 5Page - Texas Instruments TMP401 Datasheet HTML 6Page - Texas Instruments TMP401 Datasheet HTML 7Page - Texas Instruments TMP401 Datasheet HTML 8Page - Texas Instruments TMP401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
1
2
3
4
8
7
6
5
SCL
SDA
ALERT/THERM2
GND
V+
D+
D
-
THERM
TMP401
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
www.ti.com
5 Pin Configuration and Functions
DGK Package
VSSOP-8
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
V+
Analog input
Positive supply (3 V to 5.5 V)
2
D+
Analog input
Positive connection to remote temperature sensor
3
D–
Analog input
Negative connection to remote temperature sensor
4
THERM
Digital output
Thermal flag, active low, open-drain; requires pull-up resistor to V+
5
GND
—
Ground
Alert (reconfigurable as second thermal flag), active low, open-drain; requires pull-up
6
ALERT/THERM2
Digital output
resistor to V+
7
SDA
Digital I/O
Serial data line for SMBus, open-drain; requires pull-up resistor to V+
8
SCL
Digital I/O
Serial clock line for SMBus, open-drain; requires pull-up resistor to V+
4
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com