Electronic Components Datasheet Search
  English  ▼

X  

LM43602 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM43602 Datasheet HTML 16Page - Texas Instruments LM43602 Datasheet HTML 17Page - Texas Instruments LM43602 Datasheet HTML 18Page - Texas Instruments LM43602 Datasheet HTML 19Page - Texas Instruments LM43602 Datasheet HTML 20Page - Texas Instruments LM43602 Datasheet HTML 21Page - Texas Instruments LM43602 Datasheet HTML 22Page - Texas Instruments LM43602 Datasheet HTML 23Page - Texas Instruments LM43602 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
LM43602-Q1
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.12 Overcurrent and Short Circuit Protection
The LM43602-Q1 is protected from overcurrent conditions by cycle-by-cycle current limiting on both peak and
valley of the inductor current. Hiccup mode is activated if a fault condition persists to prevent overheating.
High-side MOSFET overcurrent protection is implemented by the nature of the peak current mode control. The
HS switch current is sensed when the HS is turned on after a set blanking time. The HS switch current is
compared to the output of the error amplifier (EA) minus slope compensation every switching cycle. Refer to
Functional Block Diagram for more details. The peak current of the HS switch is limited by the maximum EA
output voltage minus the slope compensation at every switching cycle. The slope compensation magnitude at the
peak current is proportional to the duty cycle.
When the LS switch is turned on, the current going through it is also sensed and monitored. The LS switch is not
turned OFF at the end of a switching cycle if its current is above the LS current limit ILS-LIMIT. The LS switch is
kept ON so that inductor current keeps ramping down, until the inductor current ramps below the LS current limit.
Then the LS switch is then turned OFF, and the HS switch turned on, after a dead time. If the current of the LS
switch is higher than the LS current limit for 32 consecutive cycles and the power-good flag is low, hiccup current
protection mode is activated. In hiccup mode, the regulator is shut down and kept off for 5.5 ms typically before
the LM43602-Q1 tries to start again. If overcurrent or short-circuit fault condition still exists, hiccup repeats until
the fault condition is removed. Hiccup mode reduces power dissipation under severe overcurrent conditions,
prevents over heating and potential damage to the device.
Hiccup is only activated when power-good flag is low. Under non-severe overcurrent conditions when VOUT has
not fallen outside of the PGOOD tolerance band, the LM43602-Q1 reduces the switching frequency and keeps
the inductor current valley clamped at the LS current limit level. This operation mode allows slight overcurrent
operation during load transients without tripping hiccup. If power-good flag becomes low, hiccup operation starts
after LS current limit is tripped 32 consecutive cycles.
7.3.13 Thermal Shutdown
Thermal shutdown is a built-in self protection to limit junction temperature and prevent damages due to
overheating. Thermal shutdown turns off the device when the junction temperature exceeds 160°C typically to
prevent further power dissipation and temperature rise. Junction temperature reduces after thermal shutdown.
The LM43602-Q1 attempts to restart when the junction temperature drops to 150°C.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The EN pin provides electrical ON and OFF control for the LM43602-Q1. When VEN is below 0.4 V, the device is
in shutdown mode. Both the internal LDO and the switching regulator are off. In shutdown mode the quiescent
current drops to 2.3 µA typically with VIN = 24 V. The LM43602-Q1 also employs undervoltage lockout protection.
If VCC voltage is below the UVLO level, the output of the regulator is turned off.
7.4.2 Standby Mode
The internal LDO has a lower enable threshold than the regulator. When VEN is above 1.2 V and below the
precision enable falling threshold (1.8 V typically), the internal LDO regulates the VCC voltage at 3.2 V. The
precision enable circuitry is turned on once VCC is above the UVLO threshold. The switching action and voltage
regulation are not enabled unless VEN rises above the precision enable threshold (2.1 V typically).
7.4.3 Active Mode
The LM43602-Q1 is in active mode when VEN is above the precision enable threshold and VCC is above its UVLO
level. The simplest way to enable the LM43602-Q1 is to connect the EN pin to VIN. This allows self start-up when
the input voltage is in the operation range: 3.5 V to 36 V. Refer to Enable (EN) and VCC, UVLO, and BIAS for
details on setting these operating levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com