Electronic Components Datasheet Search
  English  ▼

X  

LM43602 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM43602 Datasheet HTML 30Page - Texas Instruments LM43602 Datasheet HTML 31Page - Texas Instruments LM43602 Datasheet HTML 32Page - Texas Instruments LM43602 Datasheet HTML 33Page - Texas Instruments LM43602 Datasheet HTML 34Page - Texas Instruments LM43602 Datasheet HTML 35Page - Texas Instruments LM43602 Datasheet HTML 36Page - Texas Instruments LM43602 Datasheet HTML 37Page - Texas Instruments LM43602 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34
LM43602-Q1
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Layout Guidelines (continued)
High frequency ceramic bypass capacitors at the input side provide primary path for the high di/dt components of
the pulsing current. Placing ceramic bypass capacitor(s) as close as possible to the VIN and PGND pins is the
key to EMI reduction.
The SW pin connecting to the inductor must be as short as possible, and just wide enough to carry the load
current without excessive heating. Use short, thick traces or copper pours (shapes) high current conduction path
to minimize parasitic resistance. Place the output capacitors close to the VOUT end of the inductor, closely
grounded to PGND pin and exposed PAD.
Place the bypass capacitors on VCC and BIAS pins as close as possible to the pins, respectively, and closely
ground to PGND and the exposed PAD.
10.1.2 Ground Plane and Thermal Considerations
TI recommends using one of the middle layers as a solid ground plane. Ground plane provides shielding for
sensitive circuits and traces. It also provides a quiet reference potential for the control circuitry. Connect the
AGND and PGND pins to the ground plane using vias right next to the bypass capacitors. PGND pins are
connected to the source of the internal LS switch. They must be connected directly to the grounds of the input
and output capacitors. The PGND net contains noise at switching frequency and may bounce due to load
variations. PGND trace, as well as PVIN and SW traces, must be constrained to one side of the ground plane.
The other side of the ground plane contains much less noise and should be used for sensitive routes.
TI recommends providing adequate device heat sinking by utilizing the PAD of the device as the primary thermal
path. Use a recommended 4 by 3 array of 10-mil thermal vias to connect the PAD to the system ground plane
heat sink. The vias must be evenly distributed under the PAD. Use as much copper as possible for system
ground plane on the top and bottom layers for the best heat dissipation. Use a four-layer board with the copper
thickness for the four layers, starting from the top one, 2 oz / 1 oz / 1 oz / 2 oz. Four layer boards with enough
copper thickness provides low current conduction impedance, proper shielding and lower thermal resistance.
The thermal characteristics of the LM43602-Q1 are specified using the parameter RθJA, which characterize the
junction temperature of the silicon to the ambient temperature in a specific system. Although the value of RθJA is
dependant on many variables, it still can be used to approximate the operating junction temperature of the
device. To obtain an estimate of the device junction temperature, one may use Equation 27:
TJ = PD × RθJA + TA
where
•
TJ = junction temperature in °C
•
PD = VIN × IIN × (1 − efficiency) − 1.1 × IOUT × DCR
•
DCR = inductor DC parasitic resistance in Ω
•
RθJA = junction-to-ambient thermal resistance of the device in °C/W
•
TA = ambient temperature in °C
(27)
The maximum operating junction temperature of the LM43602-Q1 is 125°C. RθJA is highly related to PCB size
and layout, as well as enviromental factors such as heat sinking and air flow. Figure 64 shows measured results
of RθJA with different copper area on a 2-layer board and a 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com