Electronic Components Datasheet Search
  English  ▼

X  

LM43602 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM43602 Datasheet HTML 25Page - Texas Instruments LM43602 Datasheet HTML 26Page - Texas Instruments LM43602 Datasheet HTML 27Page - Texas Instruments LM43602 Datasheet HTML 28Page - Texas Instruments LM43602 Datasheet HTML 29Page - Texas Instruments LM43602 Datasheet HTML 30Page - Texas Instruments LM43602 Datasheet HTML 31Page - Texas Instruments LM43602 Datasheet HTML 32Page - Texas Instruments LM43602 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
Current (A)
5VIN
12VIN
24VIN
C001
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
Current (A)
5VIN
12VIN
24VIN
C001
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
5VIN
12VIN
24VIN
C001
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
5VIN
12VIN
24VIN
C001
40
50
60
70
80
90
100
0
0.5
1
1.5
2
Current (A)
5VIN
12VIN
24VIN
C001
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
PGOOD
ENABLE
SS/TRK
AGND
FB
LM43602Q
VIN
120 µF
0.47 µF
4.7
µF
2.2 µF
3.3 VOUT
100 k
43.2 k
330 pF
6.8 µH
29
LM43602-Q1
www.ti.com
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.2.3 Application Performance Curves
Unless otherwise specified, VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz and room temperature. See Application Performance
Curves for bill of materials for each VOUT and FS combination.
VOUT = 3.3 V
FS = 500 kHz
Figure 39. BOM for VOUT = 3.3 V FS = 500 kHz
VOUT = 3.3 V
FS = 500 kHz
Figure 40. Efficiency at Room Temperature
VOUT = 3.3 V
FS = 500 kHz
Figure 41. Efficiency at Room Temperature
VOUT = 3.3 V
FS = 500 kHz
Figure 42. Efficiency at 85°C
VOUT = 3.3 V
FS = 500 kHz
Figure 43. Power Loss at Room Temperature
VOUT = 3.3 V
FS = 500 kHz
VIN = 24 V
Figure 44. Power Loss at 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com