Electronic Components Datasheet Search
  English  ▼

X  

LM43602 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM43602 Datasheet HTML 7Page - Texas Instruments LM43602 Datasheet HTML 8Page - Texas Instruments LM43602 Datasheet HTML 9Page - Texas Instruments LM43602 Datasheet HTML 10Page - Texas Instruments LM43602 Datasheet HTML 11Page - Texas Instruments LM43602 Datasheet HTML 12Page - Texas Instruments LM43602 Datasheet HTML 13Page - Texas Instruments LM43602 Datasheet HTML 14Page - Texas Instruments LM43602 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
86.0
87.0
88.0
89.0
90.0
91.0
92.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
92.0
93.0
94.0
95.0
96.0
97.0
98.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
109.0
109.5
110.0
110.5
111.0
111.5
112.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
104.0
104.5
105.0
105.5
106.0
106.5
107.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
90
100
110
120
130
140
150
160
170
180
190
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
40
45
50
55
60
65
70
75
80
85
90
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
11
LM43602-Q1
www.ti.com
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz, L = 6.8 µH and room temperature. Refer to Application
Performance Curves for bill of materials for other VOUT and FS combinations.
Figure 19. High Side FET On Resistance vs Junction
Temperature
Figure 20. Low Side FET On Resistance vs Junction
Temperature
Figure 21. PGOOD OVP Falling Threshold vs Junction
Temperature
Figure 22. PGOOD OVP Rising Threshold vs Junction
Temperature
Figure 23. PGOOD UVP Falling Threshold vs Junction
Temperature
Figure 24. PGOOD UVP Rising Threshold vs Junction
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com