Electronic Components Datasheet Search
  English  ▼

X  

LM43602 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 3 Page - Texas Instruments

  LM43602 Datasheet HTML 1Page - Texas Instruments LM43602 Datasheet HTML 2Page - Texas Instruments LM43602 Datasheet HTML 3Page - Texas Instruments LM43602 Datasheet HTML 4Page - Texas Instruments LM43602 Datasheet HTML 5Page - Texas Instruments LM43602 Datasheet HTML 6Page - Texas Instruments LM43602 Datasheet HTML 7Page - Texas Instruments LM43602 Datasheet HTML 8Page - Texas Instruments LM43602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
PGOOD
EN
SS/TRK
AGND
FB
SW
PGND
VIN
PAD
1
16
2
3
4
5
6
8
7
9
15
14
13
12
11
10
3
LM43602-Q1
www.ti.com
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
PWP Package
16-Pin HTSSOP
Top View
(1)
P = Power, G = Ground, A = Analog
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NUMBER
SW
1,2
P
Switching output of the regulator. Internally connected to both power MOSFETs. Connect to
power inductor.
CBOOT
3
P
Boot-strap capacitor connection for high-side driver. Connect a high quality 470-nF capacitor
from CBOOT to SW.
VCC
4
P
Internal bias supply output for bypassing. Connect bypass capacitor from this pin to AGND.
Do not connect external loading to this pin. Never short this pin to ground during operation.
BIAS
5
P
Optional internal LDO supply input. To improve efficiency, it is recommended to tie to VOUT
when 3.3 V
≤ VOUT ≤ 28 V, or tie to an external 3.3 V or 5 V rail if available. When used, place
a bypass capacitor (1 to 10 µF) from this pin to ground. Tie to ground when not in use. BIAS
pin voltage should not exceed VIN.
SYNC
6
A
Clock input to synchronize switching action to an external clock. Use proper high speed
termination to prevent ringing. Connect to ground if not used.
RT
7
A
Connect a resistor RT from this pin to AGND to program switching frequency. Leave floating
for 500 kHz default switching frequency.
PGOOD
8
A
Open drain output for power-good flag. Use a 10 kΩ to 100 kΩ pullup resistor to logic rail or
other DC voltage no higher than 12 V.
FB
9
A
Feedback sense input pin. Connect to the midpoint of feedback divider to set VOUT. Do not
short this pin to ground during operation.
AGND
10
G
Analog ground pin. Ground reference for internal references and logic. Connect to system
ground.
SS/TRK
11
A
Soft-start control pin. Leave floating for internal soft-start slew rate. Connect to a capacitor to
extend soft start time. Connect to external voltage ramp for tracking.
EN
12
A
Enable input to the internal LDO and regulator. High = ON and low = OFF. Connect to VIN, or
to VIN through resistor divider,or to an external voltage or logic source. Do not float.
VIN
13,14
P
Supply input pins to internal LDO and high side power FET. Connect to power supply and
bypass capacitors CIN. Path from VIN pin to high frequency bypass CIN and PGND must be as
short as possible.
PGND
15,16
G
Power ground pins, connected internally to the low side power FET. Connect to system
ground, PAD, AGND, ground pins of CIN and COUT. Path to CIN must be as short as possible.
PAD
-
—
Low impedance connection to AGND. Connect to PGND on PCB. Major heat dissipation path
of the die. Must be used for heat sinking to ground plane on PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com