Electronic Components Datasheet Search
  English  ▼

X  

LM43602 Datasheet(PDF) 35 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM43602 Datasheet HTML 31Page - Texas Instruments LM43602 Datasheet HTML 32Page - Texas Instruments LM43602 Datasheet HTML 33Page - Texas Instruments LM43602 Datasheet HTML 34Page - Texas Instruments LM43602 Datasheet HTML 35Page - Texas Instruments LM43602 Datasheet HTML 36Page - Texas Instruments LM43602 Datasheet HTML 37Page - Texas Instruments LM43602 Datasheet HTML 38Page - Texas Instruments LM43602 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
20.0
25.0
30.0
35.0
40.0
45.0
50.0
20mm x 20mm
30mm x 30mm
40mm x 40mm
50mm x 50mm
Copper Area
1W @ 0fpm - 2 layer
2W @ 0fpm - 2 layer
1W @ 0fpm - 4 layer
2W @ 0fpm - 4 layer
C007
35
LM43602-Q1
www.ti.com
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Layout Guidelines (continued)
Figure 64. RθJA vs Copper Area
2 oz Copper on Outer Layers and 1 oz Copper on Inner Layers
10.1.3 Feedback Resistors
To reduce noise sensitivity of the output voltage feedback path, it is important to place the resistor divider and
CFF close to the FB pin, rather than close to the load. The FB pin is the input to the error amplifier, so it is a high
impedance node and very sensitive to noise. Placing the resistor divider and CFF closer to the FB pin reduces the
trace length of FB signal and reduces noise coupling. The output node is a low impedance node, so the trace
from VOUT to the resistor divider can be long if short path is not available.
If voltage accuracy at the load is important, make sure voltage sense is made at the load. Doing so corrects for
voltage drops along the traces and provide the best output accuracy. The voltage sense trace from the load to
the feedback resistor divider should be routed away from the SW node path and the inductor to avoid
contaminating the feedback signal with switch noise, while also minimizing the trace length. This is most
important when high value resistors are used to set the output voltage. This provides further shielding for the
voltage feedback path from EMI noises.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com