Electronic Components Datasheet Search
  English  ▼

X  

LM43602 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM43602 Datasheet HTML 20Page - Texas Instruments LM43602 Datasheet HTML 21Page - Texas Instruments LM43602 Datasheet HTML 22Page - Texas Instruments LM43602 Datasheet HTML 23Page - Texas Instruments LM43602 Datasheet HTML 24Page - Texas Instruments LM43602 Datasheet HTML 25Page - Texas Instruments LM43602 Datasheet HTML 26Page - Texas Instruments LM43602 Datasheet HTML 27Page - Texas Instruments LM43602 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
FB
FBB
FBT
OUT
FB
V
R
R
V
V
24
LM43602-Q1
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1 Design Requirements
Detailed design procedure is described based on a design example. For this design example, use the
parameters listed in Table 3 as the input parameters.
Table 3. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage VIN
12 V typical, range from 3.5 V to 36 V
Output voltage VOUT
3.3 V
Input ripple voltage
400 mV
Output ripple voltage
30 mV
Output current rating
2 A
Operating frequency
500 kHz
Soft-start time
10 ms
8.2.2 Detailed Design Procedure
8.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the LM43602-Q1 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
•
Run electrical simulations to see important waveforms and circuit performance
•
Run thermal simulations to understand board thermal performance
•
Export customized schematic and layout into popular CAD formats
•
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.2.2 Output Voltage Set-Point
The output voltage of the LM43602-Q1 device is externally adjustable using a resistor divider network. The
divider network is comprised of top feedback resistor RFBT and bottom feedback resistor RFBB. Equation 11 is
used to determine the output voltage of the converter:
(11)
Choose the value of the RFBT to be 100 kΩ to minimize quiescent current to improve light load efficiency in this
application. With the desired output voltage set to be 3.3 V and the VFB = 1.015 V, the RFBB value can be
calculated using Equation 11. The formula yields a value of 43.478 kΩ. Choose the closest available value of
43.2 kΩ for the RFBB. Refer to Adjustable Output Voltage for more details.
8.2.2.3 Switching Frequency
The default switching frequency of the LM43602-Q1 device is set at 500 kHz when RT pin is open circuit. The
switching frequency is selected as 500 kHz in this application for one less passive components. If other
frequency is desired, use Equation 12 to calculate the required value for RT.
RT(kΩ) = 40200 / Freq (kHz) – 0.6
(12)
For 500 kHz, the calculated RT is 79.8 kΩ, and standard value of 80.6 kΩ can also be used to set the switching
frequency at 500 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com