Electronic Components Datasheet Search
  English  ▼

X  

LM43602 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 1 Page - Texas Instruments

  LM43602 Datasheet HTML 1Page - Texas Instruments LM43602 Datasheet HTML 2Page - Texas Instruments LM43602 Datasheet HTML 3Page - Texas Instruments LM43602 Datasheet HTML 4Page - Texas Instruments LM43602 Datasheet HTML 5Page - Texas Instruments LM43602 Datasheet HTML 6Page - Texas Instruments LM43602 Datasheet HTML 7Page - Texas Instruments LM43602 Datasheet HTML 8Page - Texas Instruments LM43602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
C001
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
ENABLE
SS/TRK
AGND
FB
LM43602Q
VIN
COUT
CBOOT
CIN
CVCC
VOUT
CBIAS
RFBT
RFBB
CFF
L
PGOOD
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM43602-Q1
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
1
1 Features
1
•
Qualified for Automotive Applications
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 2: –40°C to
+125°C Ambient Operating Temperature
•
27-µA Quiescent Current in Regulation
•
High Efficiency at Light Load (DCM and PFM)
•
Meets EN55022/CISPR 22 EMI Standards
•
Integrated Synchronous Rectification
•
Adjustable Frequency Range: 200 kHz to 2.2 MHz
(500 kHz default)
•
Frequency Synchronization to External Clock
•
Internal Compensation
•
Stable with Almost Any Combination of Ceramic,
Polymer, Tantalum, and Aluminum Capacitors
•
Power-Good Flag
•
Soft Start into a Pre-Biased Load
•
Internal Soft Start: 4.1 ms
•
Extendable Soft-Start Time by External Capacitor
•
Output Voltage Tracking Capability
•
Precision Enable to Program System UVLO
•
Output Short-Circuit Protection with Hiccup Mode
•
Overtemperature Thermal Shutdown Protection
•
Create a Custom Design Using the LM43602-Q1
With the WEBENCH® Power Designer
2 Applications
•
Sub-AM Band Automotive
•
Industrial Power Supplies
•
General Purpose Wide VIN Regulation
•
High Efficiency Point-Of-Load Regulation
•
Telecommunications Systems
3 Description
The
LM43602-Q1
regulator
is
an
easy-to-use
synchronous step-down DC-DC converter capable of
driving up to 2 A of load current from an input voltage
ranging from 3.5 V to 36 V (42 V abs maximum). The
LM43602-Q1 provides exceptional efficiency, output
accuracy and dropout voltage in a very small solution
size. An extended family is available in 0.5-A , 1-A,
and 3-A load current options in pin-to-pin compatible
packages. Peak current mode control is employed to
achieve simple control loop compensation and cycle-
by-cycle current limiting. Optional features such as
programmable switching frequency, synchronization,
power-good flag, precision enable, internal soft-start,
extendable soft-start, and tracking provide a flexible
and easy to use platform for a wide range of
applications. Discontinuous conduction and automatic
frequency modulation at light loads improve light load
efficiency.
The
family
requires
few
external
components and pin arrangement allows simple,
optimum PCB layout. Protection features include
thermal shutdown, VCC undervoltage lockout, cycle-
by-cycle
current
limit,
and
output
short-circuit
protection. The LM43602-Q1 device is available in
the HTSSOP (PWP) 16-pin leaded package (6.6 mm
× 5.1 mm × 1.2 mm).The LM43602A-Q1 version is
optimized for PFM operation and recommended for
new designs. The device is pin-to-pin compatible with
LM4360x and LM4600x family.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
LM43602-Q1
HTSSOP (16)
6.60 mm × 5.10 mm
LM43602A-Q1
HTSSOP (16)
6.60 mm × 5.10 mm
space
space
Simplified Schematic
Radiated Emission Graph
12VIN to 3.3 VOUT FS = 500 kHz IOUT = 2 A


Similar Part No. - LM43602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602 TI2-LM43602 Datasheet
1Mb / 51P
LM43602 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
REVISED OCTOBER 2017
LM43602 TI2-LM43602 Datasheet
2Mb / 58P
LM43603 3.5-V to 36-V, 3A Synchronous Step-Down Voltage Converter
REVISED AUGUST 2017
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI2-LM43602-Q1 Datasheet
1Mb / 51P
LM43602 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
REVISED OCTOBER 2017
More results

Similar Description - LM43602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43601-Q1 TI-LM43601-Q1_15 Datasheet
1Mb / 51P
LM43601-Q1 SIMPLE SWITCHER 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43602 TI-LM43602_15 Datasheet
1Mb / 44P
LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI-LM43602-Q1_15 Datasheet
1Mb / 43P
LM43602-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI-LM73605-Q1_V01 Datasheet
5Mb / 65P
LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com