Electronic Components Datasheet Search
  English  ▼

X  

LM43602 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 5 Page - Texas Instruments

  LM43602 Datasheet HTML 1Page - Texas Instruments LM43602 Datasheet HTML 2Page - Texas Instruments LM43602 Datasheet HTML 3Page - Texas Instruments LM43602 Datasheet HTML 4Page - Texas Instruments LM43602 Datasheet HTML 5Page - Texas Instruments LM43602 Datasheet HTML 6Page - Texas Instruments LM43602 Datasheet HTML 7Page - Texas Instruments LM43602 Datasheet HTML 8Page - Texas Instruments LM43602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
LM43602-Q1
www.ti.com
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7;
(3)
Thermal resistances were simulated on a 4 layer, JEDEC board.
(4)
See Figure 64 for RθJA vs Copper Area curve.
6.4 Thermal Information
THERMAL METRIC(1)(2)(3)
LM43602-Q1
UNIT
PWP (HTSSOP )
16 PINS
RθJA
Junction-to-ambient thermal resistance
38.9(4)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.3
°C/W
RθJB
Junction-to-board thermal resistance
19.9
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
19.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
°C/W
6.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
VIN-MIN-ST
Minimum input voltage for startup
3.8
V
ISHDN
Shutdown quiescent current
VEN = 0 V
1.2
3.1
µA
IQ-NONSW
Operating quiescent current (non-
switching) from VIN
VEN = 3.3 V
VFB = 1.5 V
VBIAS = 3.4 V external
5
10
µA
IBIAS-NONSW
Operating quiescent current (non-
switching) from external VBIAS
VEN = 3.3 V
VFB = 1.5 V
VBIAS = 3.4 V external
85
130
µA
IQ-SW
Operating quiescent current (switching)
VEN = 3.3 V
IOUT = 0 A
RT = open
VBIAS = VOUT = 3.3 V
RFBT = 1 Meg
27
µA
ENABLE (EN PIN)
VEN-VCC-H
Voltage level to enable the internal LDO
output VCC
VENABLE high level
1.2
V
VEN-VCC-L
Voltage level to disable the internal LDO
output VCC
VENABLE low level
0.525
V
VEN-VOUT-H
Precision enable level for switching and
regulator output: VOUT
VENABLE high level
2
2.2
2.42
V
VEN-VOUT-HYS
Hysteresis voltage between VOUT
precision enable and disable thresholds
VENABLE hysteresis
–290
mV
ILKG-EN
Enable input leakage current
VEN = 3.3 V
0.85
1.75
µA
INTERNAL LDO (VCC and BIAS PINS)
VCC
Internal LDO output voltage VCC
VIN ≥ 3.8 V
3.28
V
VCC-UVLO
Undervoltage lock out (UVLO)
thresholds for VCC
VCC rising threshold
3.1
V
Hysteresis voltage between rising and
falling thresholds
–520
mV
VBIAS-ON
Internal LDO input change over
threshold to BIAS
VBIAS rising threshold
2.94
3.18
V
Hysteresis voltage between rising and
falling thresholds
–75
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com