Electronic Components Datasheet Search
  English  ▼

X  

GL3522 Datasheet(PDF) 29 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 29 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 24Page - GENESYS LOGIC GL3522 Datasheet HTML 25Page - GENESYS LOGIC GL3522 Datasheet HTML 26Page - GENESYS LOGIC GL3522 Datasheet HTML 27Page - GENESYS LOGIC GL3522 Datasheet HTML 28Page - GENESYS LOGIC GL3522 Datasheet HTML 29Page - GENESYS LOGIC GL3522 Datasheet HTML 30Page - GENESYS LOGIC GL3522 Datasheet HTML 31Page - GENESYS LOGIC GL3522 Datasheet HTML 32Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 29
GLI Confidential
DC-DC Switching Regulator Features:
5V to 1.2V DC-DC switching regulator
1A maximum output driving capability
Provide stable 1.2V output when Vin = 2.6V~5.5V
100uA maximum quiescent current (typical 60uA).
Figure 6.2 - Vin(V5) vs Vout(V1.2)
6.6 External Clock
XOUT:
25MHz crystal oscillator output. It should be left open if an external clock source is used.
XIN:
25MHz crystal oscillator input. If an external 3.3V clock source is used, its frequency has to be
25MHz +/-300ppm with a peak-to-peak jitter less than 50ps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com