Electronic Components Datasheet Search
  English  ▼

X  

GL3522 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 12Page - GENESYS LOGIC GL3522 Datasheet HTML 13Page - GENESYS LOGIC GL3522 Datasheet HTML 14Page - GENESYS LOGIC GL3522 Datasheet HTML 15Page - GENESYS LOGIC GL3522 Datasheet HTML 16Page - GENESYS LOGIC GL3522 Datasheet HTML 17Page - GENESYS LOGIC GL3522 Datasheet HTML 18Page - GENESYS LOGIC GL3522 Datasheet HTML 19Page - GENESYS LOGIC GL3522 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 16
GLI Confidential
4.2 General Description
4.2.1 USB 2.0 USPORT Transceiver
USB 2.0 USPORT (upstream port) transceiver is the analog circuit that supports both full-speed and
high-speed electrical characteristics defined in Chapter 7 of USB specification revision 2.0. USPORT
transceiver will operate in full-speed electrical signaling when GL3522-22 is plugged into a 1.1 host/hub.
USPORT transceiver will operate in high-speed electrical signaling when GL3522-22 is plugged into a 2.0
host/hub.
4.2.2 USB 3.0 USPORT Transceiver
USB 3.0 USPORT (upstream port) transceiver is the analog circuit that has elastic buffer and supports
receiver detection, data serialization and de-serialization. Besides, it has PIPE interface with SuperSpeed
Link Layer
4.2.3 PLL (Phase Lock Loop)
PLL generates the clock sources for the whole chip. The generated clocks are proven quite accurate that help
in generating high speed signal without jitter.
4.2.4 Regulator
GL3522-22 build in internal regulators convert 5V input to 3.3V/1.2V output.
4.2.5 SPI Engine
SPI engine is to move code from external flash to the internal RAM.
4.2.6 RAM/ROM/CPU
The micro-processor unit of GL3522-22 is an 8-bit RISC processor with 16K-byte ROM and 256-bytes
RAM. It operates at 12MIPS of 12 MHz clock( maximum) to decode the USB command issued from host
and then prepares the data to respond to the host.
4.2.7 UTMI (USB 2.0 Transceiver Microcell Interface)
UTMI handles the low level USB protocol and signaling. It’s designed based on the Intel’s UTMI
specification 1.01. The major functions of UTMI logic are to handle the data and clock recovery, NRZI
encoding/decoding, Bit stuffing /de-stuffing, supporting USB 2.0 test modes, and serial/parallel conversion.
4.2.8 SIE (Serial Interface Engine)
SIE handles the USB protocol defined in Chapter 8 of USB specification revision 2.0. It co-works with μ C
to play the role of the hub kernel. The main functions of SIE include the state machine of USB protocol flow,
CRC check, PID error check, and timeout check. Unlike USB 1.1, bit stuffing/de-stuffing is implemented in
UTMI, not in SIE.
4.2.9 Control/Status Register
Control/Status register is the interface register between hardware and firmware. This register contains the
information necessary to control endpoint0 and endpoint1 pipelines. Through the firmware based
architecture, GL3522-22 possesses higher flexibility to control the USB protocol easily and correctly.
4.2.10 Power Management Engine
The power management of GL3522-22 is compliant with USB 3.0 specification. When operating in
SuperSpeed mode, GL3522-22 supports U0, U1, U2, and U3 power states. U0 is the functional state. U1 and
U2 are lower power states compared to U0. U1 is a low power state with fast exit to U0; U2 is a low power
state which saves more power than U1 with slower exit to U0. U3 is suspend state, which is the most
power-saving state, with tens of milliseconds exit to U0. Unlike USB 2.0, SuperSpeed packet traffic is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com