Electronic Components Datasheet Search
  English  ▼

X  

GL3522 Datasheet(PDF) 24 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 24 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 20Page - GENESYS LOGIC GL3522 Datasheet HTML 21Page - GENESYS LOGIC GL3522 Datasheet HTML 22Page - GENESYS LOGIC GL3522 Datasheet HTML 23Page - GENESYS LOGIC GL3522 Datasheet HTML 24Page - GENESYS LOGIC GL3522 Datasheet HTML 25Page - GENESYS LOGIC GL3522 Datasheet HTML 26Page - GENESYS LOGIC GL3522 Datasheet HTML 27Page - GENESYS LOGIC GL3522 Datasheet HTML 28Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 24
GLI Confidential
5.4 Dedicated Charging Port (DCP)
GL3522-22 also supports dedicated charging port, which is a downstream port on a device that outputs power
through a USB connector, but it is not capable of enumerating a downstream device. With the adequate system
circuit design, GL3522-22 will turn its downstream port from a standard downstream port (SDP) into
dedicated charging port (DCP), i.e short the D+ line to the D- line, to let the portable device draws current up
to 1.5A. Please refer to the USB 3.0 Hub Design Guide document for the detailed information.
5.5 ACA-Dock
An ACA-Dock is a docking station that has one upstream port, and zero or more downstream ports. The
upstream port can be attached to a portable device (PD), and is capable of sourcing ICDP to the PD, which
means that the upstream port can charge and have data communication with the PD at the same time. Please
refer to Battery Charging Spec v1.2 for more details.
5.6 Apple and Samsung Devices
Except BC rev1.2-complied portable devices; GL3522-22 also supports the fast charging of Apple and
Samsung devices.
- Apple: iPhone, iPad series.
- Samsung: Galaxy Tab series, Galaxy Mobile Phones series.
5.7 Port Numbers of Charging Downstream Port Configuration
Number of charging downstream port can be configured as 1/2/3/4 ports by firmware configuration. Please
refer to the Genesys USB 3.0 Hub FW ISP Tool User Guide document for the detailed setting information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com