Electronic Components Datasheet Search
  English  ▼

X  

GL3522 Datasheet(PDF) 9 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 9 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 5Page - GENESYS LOGIC GL3522 Datasheet HTML 6Page - GENESYS LOGIC GL3522 Datasheet HTML 7Page - GENESYS LOGIC GL3522 Datasheet HTML 8Page - GENESYS LOGIC GL3522 Datasheet HTML 9Page - GENESYS LOGIC GL3522 Datasheet HTML 10Page - GENESYS LOGIC GL3522 Datasheet HTML 11Page - GENESYS LOGIC GL3522 Datasheet HTML 12Page - GENESYS LOGIC GL3522 Datasheet HTML 13Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 9
GLI Confidential
 Low BOM cost
-
Single external 25 MHz crystal / Oscillator clock input
-
Built-in upstream port 1.5KΩ pull-up and downstream port 15KΩ pull-down resistors
-
Built-in 5 to 3.3V and 5 to 1.2V regulator
 Available package type
-
QFN 76 (9x9mm)
-
LGA 76 (9x9mm)
 Applications
-
Standalone USB hub/Docking station
-
Tablet/Ultrabook/NB
-
Motherboard
-
Monitor built-in hub, GL3522-22 GPIOs can be programmed as I2C interface to easily update scalar
firmware through USB interface
-
TV built-in hub
-
Compound device, such as hub-reader application
-
USB wall charger
-
Other consumer electronics
-
Customized applications
Dynamically disable/enable ports
GPIO signaling of ambient light sensor or rotation/position sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com