Electronic Components Datasheet Search
  English  ▼

X  

GL3522 Datasheet(PDF) 8 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 8 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 4Page - GENESYS LOGIC GL3522 Datasheet HTML 5Page - GENESYS LOGIC GL3522 Datasheet HTML 6Page - GENESYS LOGIC GL3522 Datasheet HTML 7Page - GENESYS LOGIC GL3522 Datasheet HTML 8Page - GENESYS LOGIC GL3522 Datasheet HTML 9Page - GENESYS LOGIC GL3522 Datasheet HTML 10Page - GENESYS LOGIC GL3522 Datasheet HTML 11Page - GENESYS LOGIC GL3522 Datasheet HTML 12Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 8
GLI Confidential
CHAPTER 2
FEATURES
 Compliant with USB Specification Revision 3.0
-
Upstream port supports super speed(SS) high speed(HS) and full speed(FS) traffic
-
Downstream ports support SS, HS, FS, and low speed(LS) traffic
-
1 control pipe and 1 interrupt pipe
-
Backward compatible to USB specification Revision 2.0/1.1
 Featuring fast-charging on all downstream ports and upstream port
-
Compliant with USB Battery Charging Revision v1.2, supporting CDP, DCP, and ACA-Dock
-
Downstream ports can be turned from a Standard Downstream Port (SDP) into Charging Downstream
Port (CDP) or Dedicated Charging Port (DCP)
-
Downstream devices can be charged while upstream VBUS is not present, which can be applied on wall
charger applications
-
Upstream port is capable of charging and data communicating simultaneously for portable devices
supporting ACA-Dock or proprietary charging protocols, such as Sony Z1 and ZL
-
Supporting Apple 2.4A and Samsung Galaxy devices fast-charging
 On-chip 8-bit micro-processor
-
RISC-like architecture
-
USB optimized instruction set
-
1 cycle instruction execution (maximum)
-
Performance: 12 MIPS @ 12MHz (maximum)
-
With 256-byte RAM, 20K-byte internal ROM, and 20K-byte SRAM
 Multiple Transaction Translator(TT) architecture
-
Providing dedicated TT control logics for each downstream port
-
Superior performance when multiple FS devices operate concurrently
 Integrated USB transceiver
-
Improving output drivers with slew-rate control for EMI reduction
-
Internal power-fail detection for ESD recovery
 Advanced power management and low power consumption
-
Supporting USB3.0 U0/U1/U2/U3 power management states
-
Supporting USB Link Power Management (LPM) L0/L1/L2
-
Supporting individual/gang mode over-current detection for all downstream ports
-
Supporting both low/high-enabled power switches
-
Patented Smart Power Management
 Configurable settings by SPI-flash/EEPROM/pin strapping
-
Configurable charging port
-
Configurable 4/3/2 downstream ports
-
Configurable Poly-fuse/Power-switch
-
Supporting full in-system programming firmware upgrade by SPI-flash and EEPROM
-
Supporting compound-device (non-removable setting on downstream ports)
-
Supporting customization VID/PID
 Flexible design
-
Automatic switching between self-powered and bus-powered modes
-
Supporting PHY tuning
-
Supporting register setting by firmware
-
Supporting vendor command and SMBUS
-
Allow downstream ports to connect up to 8 devices, 4 x USB3.0 non-removable devices with 4 x
USB2.0 non-removable devices or exposed ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com