Electronic Components Datasheet Search
  English  ▼

X  

GL3522 Datasheet(PDF) 18 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 18 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 14Page - GENESYS LOGIC GL3522 Datasheet HTML 15Page - GENESYS LOGIC GL3522 Datasheet HTML 16Page - GENESYS LOGIC GL3522 Datasheet HTML 17Page - GENESYS LOGIC GL3522 Datasheet HTML 18Page - GENESYS LOGIC GL3522 Datasheet HTML 19Page - GENESYS LOGIC GL3522 Datasheet HTML 20Page - GENESYS LOGIC GL3522 Datasheet HTML 21Page - GENESYS LOGIC GL3522 Datasheet HTML 22Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 18
GLI Confidential
4.2.13.2 Connected to USB 2.0 Host/Hub
If an USB 2.0 hub is connected to an USB 2.0 host/hub, it will operate in USB 2.0 mode. The upstream port
signaling is in high speed with bandwidth of 480 Mbps under this environment. The traffic channel will
then be routed to the REPEATER when the device connected to the downstream port is signaling also in
high speed. On the other hand, the traffic channel will then be routed to TT when the device connected to
the downstream port is signaling in full/low speed.
USB 2.0 Host/Hub
REPEATER
TT
USPORToperating
in HS signaling
HS vs. FS/LS:
Traffic channel
is routed to TT
HS vs. HS:
Traffic channel is
routed to REPEATER
DSPORT operating
in HS signaling
DSPORT operating
in FS/LS signaling
TT
Figure 4.3 - Operating in USB 2.0 Schemes
4.2.14 CDP Control Logic
CDP (charging downstream port) control logic implements the logic defined in USB Battery charging
specification revision 1.2. The major function of it is to control DSPORT Transceiver to make handshake
with a portable device which is compliant with USB Battery charging spec rev1.2 as well. After recognizing
charging detection each other, portable device will draw up to 1.5A from VBUS to fast charge its battery.
4.2.15 USB 3.0/USB 2.0 DSPORT Transceiver
DSPORT transceiver is the analog circuit that supports high-speed, full-speed, and low-speed electrical
characteristics. In addition, each DSPORT transceiver accurately controls its own squelch level to detect the
detachment and attachment of devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com