Electronic Components Datasheet Search
  English  ▼

X  

GL3522 Datasheet(PDF) 7 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 7 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 3Page - GENESYS LOGIC GL3522 Datasheet HTML 4Page - GENESYS LOGIC GL3522 Datasheet HTML 5Page - GENESYS LOGIC GL3522 Datasheet HTML 6Page - GENESYS LOGIC GL3522 Datasheet HTML 7Page - GENESYS LOGIC GL3522 Datasheet HTML 8Page - GENESYS LOGIC GL3522 Datasheet HTML 9Page - GENESYS LOGIC GL3522 Datasheet HTML 10Page - GENESYS LOGIC GL3522 Datasheet HTML 11Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 7
GLI Confidential
CHAPTER 1
GENERAL DESCRIPTION
Genesys GL3522-22 is a 4-port, low-power, and configurable hub controller. It is compliant with the USB3.0
specification. GL3522-22 integrates Genesys Logic self-developed USB 3.0 Super Speed transmitter/receiver
physical layer (PHY) and USB 2.0 High-Speed PHY. It supports Super Speed, Hi-Speed, and Full-Speed USB
connections and is fully backward compatible to all USB 2.0 and USB 1.1 hosts. GL3522-22 also implements
multiple TT* (Note1) architecture providing dedicated TT* to each downstream (DS) port, which guarantees
Full-Speed(FS) data passing bandwidth when multiple FS devices perform heavy loading operations.
Furthermore, GL3522-22 has built-in 5V to 3.3V and 5V to 1.2V regulators, which saves customers’ BOM cost,
and eases for PCB design.
GL3522-22 features the native fast-charging and complies with USB-IF battery charging specification rev1.2, it
could fast-charge Apple, Samsung Galaxy devices, and any device complaint with BC1.2/1.1. It also allows
portable devices to draw up to 1.5A from GL3522-22 charging downstream ports (CDP
1) or dedicated charging
port (DCP
2). It can enable systems to fast charge handheld devices even during “Sleep” and “Power-off” modes.
Available package: QFN 76 (9x9 mm), LGA 76 (9x9 mm)
Package Type
# of DS Ports
Power Mgmt.
LED Support
Firmware Upgrade
QFN 76
4
Individual
Green/Amber
SPI Flash / EEPROM
LGA 76
4
Individual
Green/Amber
SPI Flash / EEPROM
GL3522-22 Package – Feature Summary
*Note: TT (transaction translator) implements the control logic defined in Section 11.14 ~ 11.22 of USB
specification revision 2.0. TT basically handles the unbalanced traffic speed between the USPORT
(operating in HS) and DSPORTS (operating in FS/LS) of hub.
1 CDP, charging downstream port, the Battery Charging Rev.1.2-compliant USB port that does data
communication and charges device up to 1.5A.
2 DCP, dedicated charging port, the Battery Charging Rev.1.2-compliant USB port that only charges devices up
to 1.5A, similar to wall chargers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com