| Electronic Components Datasheet Search |
|
GL3522 Datasheet(PDF) 17 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL3522 Datasheet(HTML) 17 Page - GENESYS LOGIC |
|
17 / 32 page ![]() GL3522-22 Datasheet © 2014 Genesys Logic, Inc. - All rights reserved. Page 17 GLI Confidential unicast rather than broadcast. Packet only travels the direct path in-between host and the target device. SuperSpeed traffic will not reach an unrelated device. When enabled for U1/U2 entry, and there is no pending traffic within comparable exit latency, GL3522-22 will initiate U1/U2 entry to save the power. On the other hand, the link partner of GL3522-22 may also initiate U1/U2 entry. In this case, GL3522-22 will accept or reject low power state entry according to its internal condition. 4.2.11 Router/Aggregator Engine Router/Aggregator Engine implements the control logic defined in Chapter10 of USB3.0 specification. Router/Aggregator Engine uses smart method for route packet to device or aggregate packet to host. 4.2.12 REPEATER Repeater logic implements the control logic defined in Section 11.4 and Section 11.7 of USB specification revision 2.0. REPEATER controls the traffic flow when upstream port and downstream port are signaling in the same speed. In addition, REPEATER will generate internal resume signal whenever a wakeup event is issued under the situation that hub is globally suspended. 4.2.13 TT TT (Transaction Translator) implements the control logic defined in Section 11.14 ~ 11.22 of USB specification revision 2.0. TT basically handles the unbalanced traffic speed between the USPORT (operating in HS) and DSPORTS (operating in FS/LS) of hub. GL3522-22 adopts multiple TT architecture to provide the most performance effective solution. Multiple TT provides control logics for each downstream port respectively. 4.2.13.1 Connected to 1.1 Host/Hub If an USB 2.0 hub is connected to the downstream port of an USB 1.1 host/hub, it will operate in USB 1.1 mode. For an USB 1.1 hub, both upstream direction traffic and downstream direction traffic are passing through REPEATER. That is, the REPEATER/TT routing logic will route the traffic channel to the REPEATER. USB 1.1 Host/Hub REPEATER TT DSPORT operating in FS/LS signaling USPORToperating in FS signaling Traffic channel is routed to REPEATER TT Figure 4.2 - Operating in USB 1.1 Schemes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |