Electronic Components Datasheet Search
  English  ▼

X  

GL3522 Datasheet(PDF) 19 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 19 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 15Page - GENESYS LOGIC GL3522 Datasheet HTML 16Page - GENESYS LOGIC GL3522 Datasheet HTML 17Page - GENESYS LOGIC GL3522 Datasheet HTML 18Page - GENESYS LOGIC GL3522 Datasheet HTML 19Page - GENESYS LOGIC GL3522 Datasheet HTML 20Page - GENESYS LOGIC GL3522 Datasheet HTML 21Page - GENESYS LOGIC GL3522 Datasheet HTML 22Page - GENESYS LOGIC GL3522 Datasheet HTML 23Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 19
GLI Confidential
4.3 Configuration and I/O Settings
4.3.1 RESET Setting
GL3522-22’s power on reset can either be triggered by external reset or internal power good reset circuit.
The external reset pin, RESETJ, is connected to upstream port Vbus (5V) to sense the USB plug / unplug or
5V voltage drop. The reset trigger voltage can be set by adjusting the value of resistor R1 and R2 (Suggested
value refers to schematics) GL3522-22’s internal reset is designed to monitor silicon’s internal core power
(1.2V) and initiate reset when unstable power event occurs. The power on sequence will start after the power
good voltage has been met, and the reset will be released after approximately 40 μS after power good.
GL3522-22’s reset circuit as depicted in the picture.
Global
Reset#
Int. 3.3V power-good
detection circuit input
(USB PHY reset)
INT
EXT
Ext. VBUS power-good
detection circuit input
(Pin"RESET#")
VBUS
(External 5V)
PCB
Silicon
R1
R2
Pin
“VBUS”
Figure 4.4 - Power on Reset Diagram
To fully control the reset process of GL3522-22, we suggest the reset time applied in the external reset circuit
should longer than that of the internal reset circuit. Timing of POR is illustrated as below figure.
Internal reset
External reset
Power good voltage, 2.5V~2.8V (3.3V)
0.861V (1.2V)
VCC(3.3V)
(1.2V)
≒ 40 μs
Figure 4.5 - Power on Sequence of GL3522-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com