Electronic Components Datasheet Search
  English  ▼

X  

GL3522 Datasheet(PDF) 25 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 25 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 21Page - GENESYS LOGIC GL3522 Datasheet HTML 22Page - GENESYS LOGIC GL3522 Datasheet HTML 23Page - GENESYS LOGIC GL3522 Datasheet HTML 24Page - GENESYS LOGIC GL3522 Datasheet HTML 25Page - GENESYS LOGIC GL3522 Datasheet HTML 26Page - GENESYS LOGIC GL3522 Datasheet HTML 27Page - GENESYS LOGIC GL3522 Datasheet HTML 28Page - GENESYS LOGIC GL3522 Datasheet HTML 29Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 25
GLI Confidential
CHAPTER 6
ELECTRICAL CHARACTERISTICS
6.1 Maximum Ratings
Table 6.1 - Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
V5
5V Power Supply
-0.5
+6.0
V
VDD
3.3V Power Supply
-0.5
+3.6
V
VDDcore
1.2VPower Supply
-0.5
+1.32
V
VIN
3.3V Input Voltage for digital I/O(EE_DO) pins*
-0.5
+5
V
Vincore
1.2V
-0.5
+1.32
V
VINUSB
Input Voltage for USB signal (DP, DM) pins
-0.5
+3.6
V
TS
Storage Temperature under bias
-60
+100
oC
FOSC
Frequency
25 MHz  0.03%
*Please refer to the reference design schematic.
6.2 Operating Ranges
Table 6.2 - Operating Ranges
Symbol
Parameter
Min.
Typ.
Max.
Unit
V5
5V Power Supply
4.75
5.0
5.25
V
VDD
3.3V Power Supply
3.0
3.3
3.6
V
VDDcore
1.2V Power Supply
1.15
1.2
1.32
V
VIND
Input Voltage for digital I/O pins
-0.5
3.3
3.6
V
VINUSB
Input Voltage for USB signal (DP, DM) pins
0.5
3.3
3.6
V
TA
Ambient Temperature
0
-
70
oC
TJ
Absolute maximum junction temperature
0
-
125
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com