Electronic Components Datasheet Search
  English  ▼

X  

GL3522 Datasheet(PDF) 20 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 20 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 16Page - GENESYS LOGIC GL3522 Datasheet HTML 17Page - GENESYS LOGIC GL3522 Datasheet HTML 18Page - GENESYS LOGIC GL3522 Datasheet HTML 19Page - GENESYS LOGIC GL3522 Datasheet HTML 20Page - GENESYS LOGIC GL3522 Datasheet HTML 21Page - GENESYS LOGIC GL3522 Datasheet HTML 22Page - GENESYS LOGIC GL3522 Datasheet HTML 23Page - GENESYS LOGIC GL3522 Datasheet HTML 24Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 20
GLI Confidential
4.3.2 PGANG Setting
To save pin count, GL3522-22 uses the same pin to decide individual/gang mode as well as to output the
suspend flag. The individual/gang mode is decided within 21us after power on reset. Then, about 50ms later,
this pin is changed to output mode. GL3522-22 outputs the suspend flag once it is globally suspended. For
individual mode, a pull low resister greater than 100KΩ should be placed. For gang mode, a greater than
100KΩ pull high resister should be placed. In figure 4.7, we also depict the suspend LED indicator
schematics. It should be noticed that the polarity of LED must be followed, otherwise the suspend current
will be over spec limitation (2.5mA).
RESET#
GANG_CTL
50 ms
Input mode, strapping
to decide individual or
gang mode
Output mode, indicating
GL3522 is in normal
mode or suspend mode
Figure 4.6 - Timing of PGANG Strapping
DVDD(3.3V)
100K ohm
100K ohm
DVDD(3.3V)
Suspend LED
Indicator
Suspend LED
Indicator
GAND Mode
Individual
Mode
"0": Individual Mode
"1": GANG Mode
SUSPNDO
GANG_CTL
Inside GL3522
On PCB
Figure 4.7 - GANG Mode Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com