Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA302 Datasheet HTML 12Page - Texas Instruments INA302 Datasheet HTML 13Page - Texas Instruments INA302 Datasheet HTML 14Page - Texas Instruments INA302 Datasheet HTML 15Page - Texas Instruments INA302 Datasheet HTML 16Page - Texas Instruments INA302 Datasheet HTML 17Page - Texas Instruments INA302 Datasheet HTML 18Page - Texas Instruments INA302 Datasheet HTML 19Page - Texas Instruments INA302 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
INA302
VS
OUT
IN+
IN-
Power Supply
0 V to 36 V
2.7 V to 5.5 V
+
Load
ALERT2
LIMIT2
GND
ALERT1
LIMIT1
RLIMIT1
RLIMIT2
RPULL-UP1
Supply
CDELAY
DELAY
tDELAY
Warning Threshold
Fault/Critical Threshold
RPULL-UP2
Supply
INPUT SIGNAL
VOUT
LATCH1
LATCH2
ALERT1
ALERT2
REF
RSENSE
VLIMIT1
VLIMIT2
GND
16
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 42 shows the alert output response of the internal comparators for the INA302. When the output voltage
of the current-sense amplifier is less than the voltage developed on either limit pin, both ALERTx outputs are in
the default high state. When the current sense amplifier output is greater than the threshold voltage set by the
LIMIT2 pin, the ALERT2 output pulls low after a delay time set by the external delay capacitor. The lower
overcurrent threshold is commonly referred to as the overcurrent warning threshold. If the current continues to
rise until the current-sense amplifier output voltage exceeds the threshold voltage set at the LIMIT1 pin, then the
ALERT1 output becomes active and immediately pulls low. The low voltage on ALERT1 indicates that the
measured signal at the amplifier input has exceeded the programmed threshold level, indicating an overcurrent
condition has occurred. The upper threshold is commonly referred to as the fault or system critical threshold.
Systems often initiate protection procedures (such as a system shutdown) when the current exceeds this
threshold.
Figure 42. Out-of-Range Alert Responses for the INA302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com