Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 29 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA302 Datasheet HTML 25Page - Texas Instruments INA302 Datasheet HTML 26Page - Texas Instruments INA302 Datasheet HTML 27Page - Texas Instruments INA302 Datasheet HTML 28Page - Texas Instruments INA302 Datasheet HTML 29Page - Texas Instruments INA302 Datasheet HTML 30Page - Texas Instruments INA302 Datasheet HTML 31Page - Texas Instruments INA302 Datasheet HTML 32Page - Texas Instruments INA302 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
+
VS
OPA313
INA303
GND
OUT
ALERT2
IN+
IN-
+
LATCH1
RLIMIT2
LIMIT2
ALERT1
VS
2.7 V to 5.5 V
DELAY
RLIMIT1
LIMIT1
LATCH2
REF
RPULL-UP
ILIMIT1
ILIMIT2
CBYPASS
0.1 µF
10 k:
RD
100 k:
RSENSE
Bidirectional
Current Monitoring
R1
100 k:
R2
100 k:
CBYP
0.1 µF
CFLT
0.1 PF
System
Alert
Current
Sense
-
+
+
-
GND
(+)
29
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
8.2 Typical Application
The INA30x are designed to be easily configured for detecting multiple out-of-range current conditions in an
application. These devices are capable of monitoring and providing overcurrent detection of bidirectional
currents. By using the REF pin of the INA303, both positive and negative overcurrent events can be detected.
Figure 52. Bidirectional Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com