Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA302 Datasheet HTML 10Page - Texas Instruments INA302 Datasheet HTML 11Page - Texas Instruments INA302 Datasheet HTML 12Page - Texas Instruments INA302 Datasheet HTML 13Page - Texas Instruments INA302 Datasheet HTML 14Page - Texas Instruments INA302 Datasheet HTML 15Page - Texas Instruments INA302 Datasheet HTML 16Page - Texas Instruments INA302 Datasheet HTML 17Page - Texas Instruments INA302 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
INA30x
GND
OUT
ALERT2
IN+
IN-
LOAD
Power Supply
0 V to 36 V
+
Gain = 20,
50, 100
LATCH1
RLIMIT2
LIMIT2
ALERT1
VS
2.7 V to 5.5 V
RPULL-UP2
DELAY
CDELAY
RLIMIT1
LIMIT1
LATCH2
Reference Voltage
REF
RPULL-UP1
ILIMIT1
ILIMIT2
CBYPASS
0.1 PF
10 k:
10 k:
RSENSE
+ (-)
- (+)
+
-
14
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA30x feature a zero-drift, 36-V, common-mode, bidirectional, current-sensing amplifier, and two high-
speed comparators that can detect multiple out-of-range current conditions. These specially designed, current-
sensing amplifiers can be used in both low-side or high-side applications where common-mode voltages far
exceed the supply voltage of the device. Currents are measured by accurately sensing voltages developed
across current-sensing resistors (also known as current-shunt resistors). Current can be measured on input
voltage rails as high as 36 V, and the device can be powered from supply voltages as low as 2.7 V.
The zero-drift topology enables high-precision measurements with maximum input offset voltages as low as
30 μV (max) with a temperature contribution of only 0.25 μV/°C (max) over the full temperature range of –40°C to
+125°C. The low total offset voltage of the INA302 enables smaller current-sense resistor values to be used,
improving power-efficiency without sacrificing measurement accuracy resulting from the smaller input signal.
Both devices use a single external resistor to set each out-of-range threshold. The INA302 allows for two
overcurrent thresholds, and the INA303 allows for both an undercurrent and overcurrent threshold. The response
time of the ALERT1 threshold is fixed and is less than 1 μs. The response time of the ALERT2 threshold can be
set with an external capacitor. The combination of a precision current-sense amplifier with onboard comparators
creates a highly-accurate solution that is capable of fast detection of multiple out-of-range conditions. The ability
to detect when currents are out-of-range allows the system to take corrective actions to prevent potential
component or system-wide damage.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com