Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 30 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA302 Datasheet HTML 26Page - Texas Instruments INA302 Datasheet HTML 27Page - Texas Instruments INA302 Datasheet HTML 28Page - Texas Instruments INA302 Datasheet HTML 29Page - Texas Instruments INA302 Datasheet HTML 30Page - Texas Instruments INA302 Datasheet HTML 31Page - Texas Instruments INA302 Datasheet HTML 32Page - Texas Instruments INA302 Datasheet HTML 33Page - Texas Instruments INA302 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Time (5 ms/div)
Positive Limit
Negative Limit
0 V
30
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
To allow for bidirectional monitoring, the INA303 requires a voltage applied to the REF pin. A voltage that is half
of the supply voltage is usually preferred to allow for maximum output swing in both the positive and negative
current direction. To reduce the errors in the reference voltage, drive the REF pin with a low-impedance source
(such as an op amp or external reference). A low-value resistor divider can be used at the expense of quiescent
current and accuracy. For this design, a single alert output is preferred, so both ALERT1 and ALERT2 are
connected together and use a single pullup resistor.
8.2.2 Detailed Design Procedure
To achieve bidirectional monitoring, drive the reference pin halfway between the supply with a resistor divider
buffered by an op amp, as shown in Table 5. To reduce the current draw from the supply, use 100-kΩ resistors
to create the divide-by-two voltage divider. The TLV313-Q1 is selected to buffer the voltage divider because this
device can operate from a single-supply rail with low IQ and offset voltage. To minimize the response time of the
ALERT2 output, a 100-kΩ pullup resistor was added from the DELAY pin to the VS pin. Select values for RSENSE,
RLIMIT2, and RLIMIT1 based on the desired current-sense levels and trip thresholds using the information in the
Resistor-Controlled Current Limit and Selecting a Current-Sensing Resistor (RSENSE) sections. For this example,
the values of RLIMIT1 and RLIMIT2 were selected so that the positive and negative overcurrent thresholds are the
same. Table 5 shows the alert output of the INA303 application circuit with the capability to detect both positive
and negative overcurrent conditions.
Table 5. Bidirectional Overcurrent Output Status
OVERCURRENT PROTECTION (OCP) STATUS
OUTPUT
Positive overcurrent detection (OCP+)
0
Negative overcurrent detection (OCP–)
0
Normal operation (no OCP)
1
8.2.3 Application Curve
Figure 53 shows the INA303 device being used in a bidirectional configuration to detect both negative and
positive overcurrent events.
Figure 53. Bidirectional Application Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com