Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 1 Page - Texas Instruments

  INA302 Datasheet HTML 1Page - Texas Instruments INA302 Datasheet HTML 2Page - Texas Instruments INA302 Datasheet HTML 3Page - Texas Instruments INA302 Datasheet HTML 4Page - Texas Instruments INA302 Datasheet HTML 5Page - Texas Instruments INA302 Datasheet HTML 6Page - Texas Instruments INA302 Datasheet HTML 7Page - Texas Instruments INA302 Datasheet HTML 8Page - Texas Instruments INA302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
INA30x
OUT
IN+
IN-
Load
Supply
(0 V to 36 V)
RLIMIT1
+
GND
LATCH1
LIMIT1
+
ALERT2
LATCH2
LIMIT2
+
RLIMIT2
DELAY
CDELAY
VS
2.7 V to 5.5 V
RPULL-UP
10 k
CBYPASS
Reference Voltage
GPIO
GPIO
ADC
Microcontroller
GPIO
GPIO
-
( )
-
( )
+
COMP1
COMP2
0.1 …F
ALERT1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
INA30x 36-V, Overcurrent Protection, Precision,
Current-Sense Amplifiers With Dual Integrated Comparators
1
1 Features
1
•
Wide common-mode input range: –0.1 V to +36 V
•
Dual comparator outputs:
–
INA302: Two independent overlimit alerts
–
INA303: Window comparator
–
Threshold levels set individually
–
Comparator 1 alert response: 1 µs
–
Comparator 2 adjustable delay: 2 µs to 10 s
–
Open-drain outputs with independent latch
control modes
•
High accuracy amplifier:
–
Offset voltage: 30 µV (max, A3 version)
–
Offset voltage drift: 0.5 µV/°C (max)
–
Gain error: 0.15% (max, A3 version)
–
Gain error drift: 10 ppm/°C
•
Available amplifier gains:
–
INA302A1, INA303A1: 20 V/V
–
INA302A2, INA303A2: 50 V/V
–
INA302A3, INA303A3: 100 V/V
2 Applications
•
Overcurrent protection
•
Motor control
•
Power-supply protection
•
Computers and servers
•
Telecom equipment
3 Description
The INA302 and INA303 (INA30x) devices feature a
high common-mode, bidirectional, current-sensing
amplifier and two high-speed comparators to detect
out-of-range
current
conditions.
The
INA302
comparators are configured to detect and respond to
overcurrent conditions. The INA303 comparators are
configured to respond to both overcurrent and
undercurrent conditions in a windowed configuration.
These devices feature an adjustable limit threshold
range for each comparator set using an external limit-
setting resistor. These current-shunt monitors can
measure differential voltage signals on common-
mode voltages that can vary from –0.1 V up to +36 V,
independent of the supply.
The open-drain alert outputs can be configured to
operate in either a transparent mode (output status
follows the input state), or in a latched mode (alert
output is cleared when the latch is reset). The alert
response time for comparator 1 is under 1 µs, and
the alert response for comparator 2 is set through an
external capacitor ranging from 2 µs to 10 s.
These devices operate from a single 2.7-V to 5.5-V
supply, drawing a maximum supply current of 950 μA.
The
devices
are
specified
over
the
extended
operating temperature range of –40°C to +125°C, and
are available in a 14-pin TSSOP package.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA302
TSSOP (14)
4.40 mm × 5.00 mm
INA303
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application


Similar Part No. - INA302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA302 TI1-INA302 Datasheet
865Kb / 38P
Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
INA302 TI2-INA302 Datasheet
1Mb / 42P
INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
REVISED MARCH 2019
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
INA302-Q1 TI2-INA302-Q1 Datasheet
1Mb / 42P
INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
REVISED MARCH 2019
More results

Similar Description - INA302

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
MAX34406 MAXIM-MAX34406_12 Datasheet
1Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
Overcurrent-Protection, Current-Sense Comparator
INA302 TI1-INA302 Datasheet
153Kb / 6P
Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com