Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA302 Datasheet HTML 13Page - Texas Instruments INA302 Datasheet HTML 14Page - Texas Instruments INA302 Datasheet HTML 15Page - Texas Instruments INA302 Datasheet HTML 16Page - Texas Instruments INA302 Datasheet HTML 17Page - Texas Instruments INA302 Datasheet HTML 18Page - Texas Instruments INA302 Datasheet HTML 19Page - Texas Instruments INA302 Datasheet HTML 20Page - Texas Instruments INA302 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
tDELAY
VS
OUT
IN+
IN-
Power Supply
0 V to 36 V
2.7 V to 5.5 V
+
Load
ALERT2
LIMIT2
GND
ALERT1
LIMIT1
Supply
CDELAY
DELAY
Supply
LATCH1
LATCH2
REF
INA303
RLIMIT1
RLIMIT2
RPULL-UP1
Undercurrent
Threshold
Overcurrent
Threshold
RPULL-UP2
Input Signal
VOUT
ALERT1
ALERT2
RSENSE
VLIMIT1
VLIMIT2
17
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 43 shows the alert output response of the internal comparators for the INA303. Both ALERTx outputs are
in the default high state when the output voltage of the current-sense amplifier is less than the voltage developed
at the LIMIT1 pin and is greater than the voltage developed at the LIMIT2 pin. The ALERT1 output becomes
active and pulls low when the current-sense amplifier output voltage exceeds the threshold voltage set at the
LIMIT1 pin. The low voltage on ALERT1 indicates that the measured signal at the amplifier input has exceeded
the programmed threshold level, indicating an overcurrent or out-of-range condition has occurred. When the
current-sense amplifier output is less than the threshold voltage set by the LIMIT2 pin, the ALERT2 output pulls
low after the delay time set by the external delay capacitor expires. The delay time for the ALERT2 output is
proportional to the value of the external CDELAY capacitor, and is calculated by Equation 2.
Figure 43. Out-of-Range Alert Responses for the INA303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com