Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 27 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA302 Datasheet HTML 23Page - Texas Instruments INA302 Datasheet HTML 24Page - Texas Instruments INA302 Datasheet HTML 25Page - Texas Instruments INA302 Datasheet HTML 26Page - Texas Instruments INA302 Datasheet HTML 27Page - Texas Instruments INA302 Datasheet HTML 28Page - Texas Instruments INA302 Datasheet HTML 29Page - Texas Instruments INA302 Datasheet HTML 30Page - Texas Instruments INA302 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Gain Error (%) = 100
(100
Gain Error Factor)
-
´
S
2500
3 R
2500
u
S
1000
R
1000
S
12,500
11 R
12,500
u
Gain Error Factor =
(1250 ´ INT
R
)
(1250
S
´
´
´
R ) + (1250
R
) + (R
R
)
INT
S
INT
27
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
The amount of variance in the differential voltage present at the device input relative to the voltage developed at
the shunt resistor is based both on the external series resistance value as well as the internal input resistors, R3
and R4 (or RINT as illustrated in Figure 50). The reduction of the shunt voltage reaching the device input pins
appears as a gain error when comparing the output voltage relative to the voltage across the shunt resistor. A
factor can be calculated to determine the amount of gain error that is introduced by the addition of external series
resistance. The equation used to calculate the expected deviation from the shunt voltage to what is measured at
the device input pins is given in Equation 5:
where
•
RINT is the internal input resistor (R3 and R4).
•
RS is the external series resistance.
(5)
With the adjustment factor from Equation 5, including the device internal input resistance, this factor varies with
each gain version, as shown in Table 3. Each individual device gain error factor is shown in Table 4.
Table 3. Input Resistance
PRODUCT
GAIN
RINT (kΩ)
INA30xA1
20
12.5
INA30xA2
50
5
INA30xA3
100
2.5
Table 4. Device Gain Error Factor
PRODUCT
SIMPLIFIED GAIN ERROR FACTOR
INA30xA1
INA30xA2
INA30xA3
The gain error that is expected from the addition of the external series resistors is then calculated based on
Equation 6:
(6)
For example, using an INA302A2 and the corresponding gain error equation from Table 4, a series resistance of
10 Ω results in a gain error factor of 0.99. The corresponding gain error is then calculated using Equation 6,
resulting in a gain error of approximately 1% solely because of the external 10-Ω series resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com