Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 5 Page - Texas Instruments

  INA302 Datasheet HTML 1Page - Texas Instruments INA302 Datasheet HTML 2Page - Texas Instruments INA302 Datasheet HTML 3Page - Texas Instruments INA302 Datasheet HTML 4Page - Texas Instruments INA302 Datasheet HTML 5Page - Texas Instruments INA302 Datasheet HTML 6Page - Texas Instruments INA302 Datasheet HTML 7Page - Texas Instruments INA302 Datasheet HTML 8Page - Texas Instruments INA302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
(1)
RTI = referred-to-input.
6.5 Electrical Characteristics
at TA = 25°C, VSENSE = 0 V, VREF = VS / 2, VS = 5 V, VIN+ = 12 V, VLIMIT1 = 3 V, and VLIMIT2 = 3 V (INA302) or 2 V (INA303)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VIN
Differential input voltage range
VIN = VIN+ – VIN–, VREF = VS / 2,
A1 versions
0
±125
mV
VIN = VIN+ – VIN–, VREF = VS / 2,
A2 versions
0
±50
VIN = VIN+ – VIN–, VREF = VS / 2,
A3 versions
0
±25
CMRR
Common-mode rejection ratio
VIN+ = 0 V to 36 V,
TA = –40ºC to +125ºC, A1 versions
100
114
dB
VIN+ = 0 V to 36 V, TA = –40ºC to +125ºC,
A2 versions
106
118
VIN+ = 0 V to 36 V,
TA = –40ºC to +125ºC, A3 versions
110
120
VOS
Offset voltage, RTI(1)
A1 versions
±15
±80
µV
A2 versions
±10
±50
A3 versions
±5
±30
dVOS/dT
Offset voltage drift, RTI(1)
TA= –40ºC to +125ºC
0.02
0.25
µV/°C
PSRR
Power-supply rejection ratio
VS = 2.7 V to 5.5 V, VIN+ = 12 V,
TA = –40ºC to +125ºC
±0.3
±5
µV/V
IB
Input bias current
IB+, IB–
115
µA
IOS
Input offset current
VSENSE = 0 mV
±0.01
µA
OUTPUT
G
Gain
A1 versions
20
V/V
A2 versions
50
A3 versions
100
Gain error
VOUT = 0.5 V to VS – 0.5 V, A1 versions
±0.02%
±0.075%
VOUT = 0.5 V to VS – 0.5 V, A2 versions
±0.05%
±0.1%
VOUT = 0.5 V to VS – 0.5 V, A3 versions
±0.1%
±0.15%
TA= –40ºC to +125ºC
3
10
ppm/°C
Nonlinearity error
VOUT = 0.5 V to VS – 0.5 V
±0.01%
Maximum capacitive load
No sustained oscillation
500
pF
VOLTAGE OUTPUT
Swing to VS power-supply rail
RL = 10 kΩ to GND,
TA = –40ºC to +125ºC
VS – 0.05
VS – 0.1
V
Swing to GND
RL = 10 kΩ to GND,
TA = –40ºC to +125ºC
VGND + 15
VGND + 30
mV
FREQUENCY RESPONSE
BW
Bandwidth
A1 versions, COUT = 500 pF
550
kHz
A2 versions, COUT = 500 pF
440
A3 versions, COUT = 500 pF
400
SR
Slew rate
4
V/µs
NOISE, RTI(1)
Voltage noise density
30
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com