Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA302 Datasheet HTML 7Page - Texas Instruments INA302 Datasheet HTML 8Page - Texas Instruments INA302 Datasheet HTML 9Page - Texas Instruments INA302 Datasheet HTML 10Page - Texas Instruments INA302 Datasheet HTML 11Page - Texas Instruments INA302 Datasheet HTML 12Page - Texas Instruments INA302 Datasheet HTML 13Page - Texas Instruments INA302 Datasheet HTML 14Page - Texas Instruments INA302 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
79.2
79.4
79.6
79.8
80
80.2
80.4
80.6
80.8
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
4.7
4.8
4.9
5
5.1
5.2
5.3
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
79.2
79.4
79.6
79.8
80
80.2
80.4
80.6
80.8
Time (5 Ps/div)
VSUPPLY
VOUT
Time (1 Ps/div)
Input
Output
Time (5Ps/div)
VCM
VOUT
11
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VREF = VS / 2, VSENSE = 0 V, VS = 5 V, VIN+ = 12 V, and ALERT1, ALERT2 pullup resistors = 10 kΩ (unless
otherwise noted)
4-VPP output step
Figure 25. Voltage Output Falling Step Response
Figure 26. Common-Mode Voltage Transient Response
Figure 27. Start-Up Response
Figure 28. LIMIT1 Current Source vs Temperature
Figure 29. LIMIT2 Current Source vs Temperature
Figure 30. DELAY Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com