Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA302 Datasheet HTML 21Page - Texas Instruments INA302 Datasheet HTML 22Page - Texas Instruments INA302 Datasheet HTML 23Page - Texas Instruments INA302 Datasheet HTML 24Page - Texas Instruments INA302 Datasheet HTML 25Page - Texas Instruments INA302 Datasheet HTML 26Page - Texas Instruments INA302 Datasheet HTML 27Page - Texas Instruments INA302 Datasheet HTML 28Page - Texas Instruments INA302 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
GND
OUT
ALERT2
IN+
IN-
LOAD
Power Supply
0 V to 36 V
+
Gain = 20,
50, 100
LATCH1
RLIMIT2
LIMIT2
ALERT1
VS
2.7 V to 5.5 V
RPULL-UP2
+
+
DELAY
CDELAY
RLIMIT1
LIMIT1
LATCH2
Reference Voltage
REF
RPULL-UP1
ILIMIT1
ILIMIT2
CBYPASS
0.1 PF
10 k:
10 k:
CFILTER
RFILTER
< 10 :
RSENSE
25
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
8.1.2 Input Filtering
The integrated comparators in the INA30x are very accurate at detecting out-of-range events because of the low
offset voltage; however, noise present at the input of the current-sense amplifier and noise internal to the device
can make the offset appear larger than specified. The most obvious effect that external noise can have on the
operation of a comparator is to cause a false alert condition. If a comparator detects a large noise transient
coupled into the signal, the device can easily falsely interpret this transient as an overrange condition.
External filtering helps reduce the amount of noise that reaches the comparator and reduce the likelihood of a
false alert from occurring because of external noise. The trade-off to adding this noise filter is that the alert
response time is increased because the input signal and the noise are filtered. Figure 48 shows the
implementation of an input filter for the device.
Figure 48. Input Filter Implementation
Limiting the amount of input resistance used in this filter is important because this resistance can have a
significant effect on the input signal that reaches the device input pins by adversely affecting the gain error of the
device. A typical system implementation involves placing the current-sensing resistor very near the device so the
traces are very short and the trace impedance is very small. This layout helps reduce coupling of additional noise
into the measurement. Under these conditions, the characteristics of the input bias currents have minimal effect
on device performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com