Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA302 Datasheet HTML 15Page - Texas Instruments INA302 Datasheet HTML 16Page - Texas Instruments INA302 Datasheet HTML 17Page - Texas Instruments INA302 Datasheet HTML 18Page - Texas Instruments INA302 Datasheet HTML 19Page - Texas Instruments INA302 Datasheet HTML 20Page - Texas Instruments INA302 Datasheet HTML 21Page - Texas Instruments INA302 Datasheet HTML 22Page - Texas Instruments INA302 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
TRIP
SENSE
REF
LIMIT
LIMIT
I
R
GAIN
V
R
I
u
u
19
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Feature Description (continued)
7.3.3.1 Setting Alert Thresholds
The INA30x family of devices determines if an out-of-range event is present by comparing the amplifier output
voltage to the voltage at the corresponding LIMITx pin. The threshold voltage for the LIMITx pins can be set
using a single external resistor or by connecting an external voltage source to each pin. The INA302 allows
setting limits for two overcurrent conditions. Generally, the lower overcurrent threshold is referred to as a warning
limit and the higher overcurrent threshold is referred to as the critical or fault limit. The INA303 allows setting
thresholds to detect both undercurrent and overcurrent limit conditions.
7.3.3.1.1
Resistor-Controlled Current Limit
The typical approach to set the limit threshold voltage is to connect resistors from the two LIMITx pins to ground.
The voltage developed across the RLIMIT1, RLIMIT2 resistors represents the desired fault current value at which the
corresponding ALERTx pin becomes active. The values for the RLIMIT1, RLIMIT2 resistors are calculated using
Equation 3:
where
•
ITRIP is the desired out-of-range current threshold.
•
RSENSE is the current-sensing resistor.
•
GAIN is the gain option of the device selected.
•
VREF is the voltage applied to the REF pin.
•
ILIMIT is the limit threshold output current for the selected comparator, typically 80 µA.
(3)
NOTE
When solving for the value of RLIMIT, the voltage at the corresponding LIMITx pin as
determined by the product of RLIMIT and ILIMIT must not exceed the compliance voltage of
VS – 0.6 V.
7.3.3.1.1.1
Resistor-Controlled Current Limit: Example
For example, if the current level indicating an out-of-range condition (ITRIP) is 20 A and the current-sense resistor
value (RSENSE) is 10 mΩ, then the input threshold signal is 200 mV. The INA302A1 has a gain of 20, so the
resulting output voltage at the 20-A input condition is 4 V at the output of the current-sense amplifier when the
REF pin is grounded. The value for RLIMIT is selected to allow the device to detect this 20-A threshold, indicating
that an overcurrent event has occurred. When the INA302 detects this out-of-range condition, the ALERTx pin
asserts and pulls low. For this example, the value of RLIMIT to detect a 4-V level is calculated to be 50 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com