Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA138 Datasheet HTML 11Page - Texas Instruments INA138 Datasheet HTML 12Page - Texas Instruments INA138 Datasheet HTML 13Page - Texas Instruments INA138 Datasheet HTML 14Page - Texas Instruments INA138 Datasheet HTML 15Page - Texas Instruments INA138 Datasheet HTML 16Page - Texas Instruments INA138 Datasheet HTML 17Page - Texas Instruments INA138 Datasheet HTML 18Page - Texas Instruments INA138 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Output Offset =
b) Using current source.
INA138-Q1
INA138-Q1
V
IN+
V
IN–
OUT
V
IN+
V
IN–
OUT
Copyright © 2016, Texas Instruments Incorporated
R
1
R
2
V
O
R
L
V
O
100 A
μ
Gain Set by R
R
||
1
2
(V )R
R
2
R + R
1
2
a) Using resistor divider.
Gain Set by R
L
Output Offset = (100 A)(R )
μ
L
(independent of V+)
V
R
15
INA138-Q1, INA168-Q1
www.ti.com
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
Product Folder Links: INA138-Q1 INA168-Q1
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
8.2.3 Offsetting the Output Voltage
For many applications using only a single power supply, the output voltage may have to be level shifted away
from ground when there is no load current flowing in the shunt resistor. Level shifting the output of the INA1x8-
Q1 is easily accomplished by one of two simple methods shown in Figure 14. Method (a) on the left-hand side of
Figure 14 shows a simple voltage-divider method. This method is useful for applications that require the output of
the INA1x8-Q1 to remain centered with respect to the power supply at zero load current through the shunt
resistor. Using this method, the gain is determined by the parallel combination of R1 and R2, while the output
offset is determined by the voltage divider ratio of R1 and R2, as shown in Figure 14(a). For applications that
require a fixed value of output offset independent of the power-supply voltage, use current-source method (b)
shown on the right-hand side of Figure 14. With this method, a REF200 constant current source is used to
generate a constant output offset. Using this method, the gain is determined by RL, and the offset is determined
by the product of the value of the current source and RL.
Figure 14. Offsetting the Output Voltage
8.2.4 Bipolar Current Measurement
Configure the INA1x8-Q1 as illustrated in Figure 15 for applications where bidirectional current measurement is
required. Two INA1x8-Q1 devices are required; connect the inputs across the shunt resistor; see Figure 15. A
comparator, such as the TLV3201, is used to detect the polarity of the load current. The magnitude of the load
current is monitored across the resistor connected between ground and the connection labeled Output. In this
example, the 100-kΩ resistor results in a gain of 20 V/V. The 10-kΩ resistors connected in series with the
INA1x8-Q1 output current are used to develop a voltage across the comparator inputs. Two diodes are required
to prevent current flow into the INA1x8-Q1 output because only one device at a time provides current to the
Output connection of the circuit. The circuit functionality is illustrated in Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com