Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 4 Page - Texas Instruments

  INA138 Datasheet HTML 1Page - Texas Instruments INA138 Datasheet HTML 2Page - Texas Instruments INA138 Datasheet HTML 3Page - Texas Instruments INA138 Datasheet HTML 4Page - Texas Instruments INA138 Datasheet HTML 5Page - Texas Instruments INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
1
V
IN–
 
8
V+
2
V
IN+
 
7
NC
3
NC
6
OUT
4
GND
5
NC
1
OUT
2
GND
3
V
IN+
 
4
V
IN–
 
5
V+
4
INA138-Q1, INA168-Q1
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: INA138-Q1 INA168-Q1
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW Package
8-Pin TSSOP
Top View
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
INA138-Q1,
INA168-Q1
INA168-Q1
TSSOP
−8
SOT-23
−5
GND
4
2
—
Ground
NC
3, 5, 7
—
—
No internal connection
OUT
6
1
O
Output current
V+
8
5
I
Power-supply voltage
VIN–
1
4
I
Negative input voltage
VIN+
2
3
I
Positive input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com