Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA138 Datasheet HTML 13Page - Texas Instruments INA138 Datasheet HTML 14Page - Texas Instruments INA138 Datasheet HTML 15Page - Texas Instruments INA138 Datasheet HTML 16Page - Texas Instruments INA138 Datasheet HTML 17Page - Texas Instruments INA138 Datasheet HTML 18Page - Texas Instruments INA138 Datasheet HTML 19Page - Texas Instruments INA138 Datasheet HTML 20Page - Texas Instruments INA138 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
INA138-Q1
INA138-Q1
ADC programmed for differential input.
Depending on polarity of current, one INA138-Q1 provides
an output voltage, and the output of the other device is zero.
5 V
5 V
12-Bit
ADC
Mux
5 V
R
25 kΩ
L
R
S
R
25 kΩ
L
V
IN–
GND
V
IN+
V
IN–
V
IN+
GND
OUT
OUT
17
INA138-Q1, INA168-Q1
www.ti.com
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
Product Folder Links: INA138-Q1 INA168-Q1
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
8.2.5 Bipolar Current Measurement Using Differential Input of an ADC
Use the INA1x8-Q1 with an ADC such as the ADS7870 programmed for differential-mode operation; Figure 17
shows this configuration. In this configuration, the use of two INA138-Q1s or INA168-Q1s allows for bidirectional
current measurement. Depending on the polarity of the current, one of the INA devices provides an output
voltage, while the other INA device output is zero. In this way, the ADC reads the polarity of current directly,
without the need for additional circuitry.
Figure 17. Bipolar Current Measurement Using Differential Input of the ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com