Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 5 Page - Texas Instruments

  INA138 Datasheet HTML 1Page - Texas Instruments INA138 Datasheet HTML 2Page - Texas Instruments INA138 Datasheet HTML 3Page - Texas Instruments INA138 Datasheet HTML 4Page - Texas Instruments INA138 Datasheet HTML 5Page - Texas Instruments INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SENSE,MAX
IN ,MAX
MAX
OUT,MAX
LOAD
LOAD
V
V
V+
I
MIN
,
,
5 k
10 k
R
5 k
R
:
:
:
§
·
¨
¸
©
¹
5
INA138-Q1, INA168-Q1
www.ti.com
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
Product Folder Links: INA138-Q1 INA168-Q1
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Use the following equation to make sure that the maximum value of IOUT in a given application is less than 400 µA:
where:
● IOUT,MAX is the estimated maximum value of IOUT
● VSENSE,MAX is the maximum possible value of the differential input voltage in the application
● VIN+,MAX is the maximum possible value of VIN+ in the application
● V+MAX is the maximum possible value of V+ in the application
● RLOAD is the value of the load resistor in kΩ
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply, V+
INA138-Q1
–0.3
60
V
INA168-Q1
–0.3
75
Analog inputs, VIN+, VIN−
Common-mode
INA138-Q1
–0.3
60
INA168-Q1
–0.3
75
Differential, VSENSE = (VIN+ – VIN–)
(2)
–40
40
Analog output, OUT
–0.3
40
Current
Output current, IOUT
(2)
400
µA
Temperature
Operating, TA
–55
150
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, V+
INA138-Q1
2.7
5
36
V
INA168-Q1
2.7
5
60
Common-mode voltage
INA138-Q1
2.7
12
36
V
INA168-Q1
2.7
12
60
Operating temperature, TA
–40
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com