Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA138 Datasheet HTML 2Page - Texas Instruments INA138 Datasheet HTML 3Page - Texas Instruments INA138 Datasheet HTML 4Page - Texas Instruments INA138 Datasheet HTML 5Page - Texas Instruments INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments INA138 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
INA138-Q1, INA168-Q1
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: INA138-Q1 INA168-Q1
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
INA138-Q1,
INA168-Q1
INA168-Q1
UNIT
PW (TSSOP)
DBV (SOT-23)
8 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
179.1
168.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
62.6
73.8
°C/W
RθJB
Junction-to-board thermal resistance
107.7
28.1
°C/W
ψJT
Junction-to-top characterization parameter
7.0
2.5
°C/W
ψJB
Junction-to-board characterization parameter
106.0
27.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
Defined as the amount of input voltage, VSENSE, to drive the output to zero.
6.5 Electrical Characteristics
at TA = −40°C to +125°C, V+ = 5 V, VIN+ = 12 V, and RL = 125 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
INA138-Q1
INA168-Q1
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
INPUT
Full-scale sense voltage
VSENSE = VIN+ – VIN−
100
500
100
500
mV
Common-mode rejection
VIN+ = 2.7 V to 36 V, VSENSE = 50 mV
100
120
dB
VIN+ = 2.7 V to 60 V, VSENSE = 50 mV
100
120
Offset voltage(1)
±0.2
±2
±0.2
±2
mV
Offset voltage vs temperature
1
1
μV/°C
Offset voltage vs power supply
(V+)
V+ = 2.7 V to 36 V, VSENSE = 50 mV
0.1
10
μV/V
V+ = 2.7 V to 60 V, VSENSE = 50 mV
0.1
10
Input bias current
VIN+ = VIN− = 12 V
10
10
μA
OUTPUT
Transconductance
VSENSE = 10 mV to 150 mV
194
206
194
206
μA/V
Transconductance versus
temperature
VSENSE = 100 mV
10
10
nA/°C
Nonlinearity error
VSENSE = 10 mV to 150 mV
±0.01%
±0.2 %
±0.01%
±0.2 %
Total output error
VSENSE = 100 mV
±0.5%
±3.2%
±0.5%
±3.2%
Output impedance
1 || 5
1 || 5
G
Ω || pF
Voltage output swing to power
supply (V+)
(V+) – 0.8
(V+) – 1.2
(V+) – 0.8
(V+) – 1.2
V
Voltage output swing to
common mode, VCM
VCM – 0.5
VCM – 1.2
VCM – 0.5
VCM – 1.2
V
FREQUENCY RESPONSE
Bandwidth
RL = 5 kΩ
800
800
kHz
RL = 125 kΩ
32
32
Settling time (0.1%)
5-V step, RL = 5 kΩ
1.8
1.8
μs
5-V step, RL = 125 kΩ
30
30
NOISE
Output-current noise density
TA = 25°C
9
9
pA/
√Hz
Total output-current noise
BW = 100 kHz
3
3
nA RMS
POWER SUPPLY
Quiescent current
VSENSE = 0 V, IO = 0 mA
25
60
25
60
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com