Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments INA138 Datasheet HTML 10Page - Texas Instruments INA138 Datasheet HTML 11Page - Texas Instruments INA138 Datasheet HTML 12Page - Texas Instruments INA138 Datasheet HTML 13Page - Texas Instruments INA138 Datasheet HTML 14Page - Texas Instruments INA138 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
I
V
P
Load Power Supply
Shunt
R
S
S
V+ power can be common or
independent of load supply.
V+
V
IN+
V
IN–
Load
R
G1
5 kΩ
Q1
INA138-Q1
OUT
I
O
+
R
V
L
O
–
2.7 V
(V+)
36 V
≤
≤
(1)
2.7 V to 36 V
(1)
Copyright © 2016, Texas Instruments Incorporated
R
G1
5 kΩ
GND
11
INA138-Q1, INA168-Q1
www.ti.com
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
Product Folder Links: INA138-Q1 INA168-Q1
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
Application Information (continued)
(1)
Maximum VP and V+ voltage is 60 V with INA168-Q1.
Figure 9. Basic Circuit Connections
Table 1. Voltage Gains and Corresponding Load-Resistor Values
VOLTAGE GAIN
EXACT RL (kΩ)
NEAREST 1% RL (kΩ)
1
5
4.99
2
10
10
5
25
24.9
10
50
49.9
20
100
100
50
250
249
100
500
499



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com