Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA138 Datasheet HTML 12Page - Texas Instruments INA138 Datasheet HTML 13Page - Texas Instruments INA138 Datasheet HTML 14Page - Texas Instruments INA138 Datasheet HTML 15Page - Texas Instruments INA138 Datasheet HTML 16Page - Texas Instruments INA138 Datasheet HTML 17Page - Texas Instruments INA138 Datasheet HTML 18Page - Texas Instruments INA138 Datasheet HTML 19Page - Texas Instruments INA138 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Time
Load Current
Output
Sign
5 k
5 k
VIN+
VIN±
OUT
V+
GND
5 k
5 k
VIN+
VIN±
OUT
V+
GND
100 m
+
INA138-Q1
or
INA168-Q1
INA138-Q1
or
INA168-Q1
1N4148
1N4148
10 k
10 k
100 k
Sign
Output
TLV3201
5 V
5 V
Bus
Voltage
Load
Current
RS
±1-A
Load Curent
+
+
16
INA138-Q1, INA168-Q1
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: INA138-Q1 INA168-Q1
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
Figure 15. Bipolar Current Measurement
8.2.4.1 Application Curve
Figure 16. Bipolar Current Measurements Results (Arbitrary Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com