Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments INA138 Datasheet HTML 10Page - Texas Instruments INA138 Datasheet HTML 11Page - Texas Instruments INA138 Datasheet HTML 12Page - Texas Instruments INA138 Datasheet HTML 13Page - Texas Instruments INA138 Datasheet HTML 14Page - Texas Instruments INA138 Datasheet HTML 15Page - Texas Instruments INA138 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
+
RL
OPA340
ADC
R
C
IS
Buffer amplifier
drives ADC without
affecting gain
INA138-Q1
or
INA168-Q1
VIN+
VIN±
RS
OUT
GND
12
INA138-Q1, INA168-Q1
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: INA138-Q1 INA168-Q1
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
8.2 Typical Applications
The INA1x8-Q1 are designed for current-shunt measurement circuits (see Figure 9) but its basic function is
useful in a wide range of circuitry. With a little creativity, many unforeseen uses can be found in measurement
and level-shifting circuits. A few ideas are illustrated in the following subsections.
8.2.1 Buffering Output to Drive an ADC
Digitize the output of the INA138-Q1 or INA168-Q1 devices using a 1-MSPS analog-to-digital converter (ADC).
Figure 10. Buffering Output to Drive an ADC
8.2.1.1 Design Requirements
For this design example, use the input parameters shown in Table 2.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Supply voltage, V+
5 V
Common-mode voltage, VCM
INA138-Q1: 2.7 V to 36 V
INA168-Q1: 2.7 V to 60 V
Full-scale shunt voltage, VSENSE
50 mV to 100 mV
Load resistor, RL
5 kΩ to 500 kΩ
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Selecting RS and RL
In Figure 10, the value chosen for the shunt resistor, RS, depends on the application and is a compromise
between small-signal accuracy and maximum permissible voltage loss in the measurement line. High values of
RS provide better accuracy at lower currents by minimizing the effects of offset, while low values of RS minimize
voltage loss in the supply line. For most applications, best performance is attained with an RS value that provides
a full-scale shunt voltage range of 50 mV to 100 mV. Maximum input voltage for accurate measurements is 500
mV.
Choose an RL that provides the desired full-scale output voltage. The output impedance of the INA1x8-Q1 OUT
pin is very high, permitting the use of RL values up to 500 kΩ with excellent accuracy. The input impedance of
any additional circuitry at the output must be much higher than the value of RL to avoid degrading accuracy.
Some ADCs have input impedances that significantly affects measurement gain. The input impedance of the
ADC can be included as part of the effective RL if the ADC input can be modeled as a resistor to ground.
Alternatively, an op amp can be used to buffer the ADC input, as shown in Figure 10. The INA1x8-Q1 are current
output devices, and as such, have an inherently large output impedance. The output currents from the amplifier
are converted to an output voltage using the load resistor, RL, connected from the amplifier output to ground. The
ratio of the load resistor value to that of the internal resistor value determines the voltage gain of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com