Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments INA138 Datasheet HTML 10Page - Texas Instruments INA138 Datasheet HTML 11Page - Texas Instruments INA138 Datasheet HTML 12Page - Texas Instruments INA138 Datasheet HTML 13Page - Texas Instruments INA138 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
INA138-Q1, INA168-Q1
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: INA138-Q1 INA168-Q1
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Output Voltage Range
The output of the INA1x8-Q1 is a current that is converted to a voltage by the load resistor, RL. The output
current remains accurate within the compliance voltage range of the output circuitry. The shunt voltage and the
input common-mode and power-supply voltages limit the maximum possible output swing. The maximum output
voltage (Vout max) compliance is limited by either Equation 1 or Equation 2, whichever is lower:
Vout max = (V+) – 0.7 V − (VIN+ – VIN−)
(1)
or
Vout max = VIN– − 0.5 V
(2)
7.3.2 Bandwidth
Measurement bandwidth is affected by the value of the load resistor, RL. High gain produced by high values of
RL yields a narrower measurement bandwidth (see the Typical Characteristics section). For the widest possible
bandwidth, keep the capacitive load on the output to a minimum. Reduction in bandwidth due to capacitive load
is shown in the Typical Characteristics section.
If bandwidth limiting (filtering) is desired, add a capacitor to the output (see Figure 12). This capacitor does not
cause instability.
7.4 Device Functional Modes
For proper operation, the INA1x8-Q1 must operate within the specified limits. Operating either device outside of
their specified power-supply voltage range, or their specified common-mode range, results in unexpected
behavior, and is not recommended. Additionally, operating the output beyond the specified limits with respect to
power-supply voltage and input common-mode voltage also produces unexpected results. See the Electrical
Characteristics section for the device specifications.
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Operation
Figure 9 illustrates the basic circuit diagram for both the INA138-Q1 and INA168-Q1. Load current IS is drawn
from supply VP through shunt resistor RS. The voltage drop in the shunt resistor is forced across RG1 by the
internal op amp, causing current to flow into the collector of Q1. External resistor RL converts the output current,
IO, to a voltage, VOUT, at the OUT pin. The transfer function for the INA1x8-Q1 is shown in Equation 3:
IO = gm (VIN+ − VIN−)
where
•
gm = 200 μA/V
(3)
In the circuit of Figure 9, the input voltage, (VIN+ − VIN−), is equal to IS × RS. The output voltage, VOUT, is equal to
IO × RL. The transconductance, gm, of the INA1x8-Q1 is 200 μA/V. The complete transfer function for the current
measurement amplifier in this application is shown in Equation 4:
VOUT = (IS) (RS) (200 μA/V) (RL)
(4)
The maximum differential input voltage for accurate measurements is 0.5 V, producing a 100-μA output current.
A differential input voltage of up to 2 V does not cause damage. Differential measurements (VIN+ and VIN− pins)
must be unipolar, with a more-positive voltage applied to the VIN+ pin. If a more-negative voltage is applied to the
VIN+ pin, IO goes to zero, but no damage occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com