Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA138 Datasheet HTML 15Page - Texas Instruments INA138 Datasheet HTML 16Page - Texas Instruments INA138 Datasheet HTML 17Page - Texas Instruments INA138 Datasheet HTML 18Page - Texas Instruments INA138 Datasheet HTML 19Page - Texas Instruments INA138 Datasheet HTML 20Page - Texas Instruments INA138 Datasheet HTML 21Page - Texas Instruments INA138 Datasheet HTML 22Page - Texas Instruments INA138 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
NC
V+
NC
OUT
VIN-
VIN+
GND
NC
Via to Ground Plane
Via to Power Plane
RL
INA138-Q1
INA168-Q1
Sense/Shunt
Resistor
To Load
To Bus Voltage
Supply
Bypass
Capacitor
19
INA138-Q1, INA168-Q1
www.ti.com
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
Product Folder Links: INA138-Q1 INA168-Q1
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
9 Power Supply Recommendations
The input circuitry of the INA1x8-Q1 can accurately measure beyond the power-supply voltage, V+. For example,
the V+ power supply can be 5 V, whereas the load power-supply voltage goes up to 36 V with the INA138-Q1, or
60 V with the INA168-Q1. However, the output voltage range of the OUT pin is limited by the lesser of the two
voltages (see the Output Voltage Range section). Place a 0.1-µF capacitor near the power-supply pin on the
INA1x8-Q1. Additional capacitance may be required for applications with noisy power-supply voltages.
10 Layout
10.1 Layout Guidelines
Figure 19 shows the basic connection of the INA1x8-Q1 in the TSSOP-8 package. Connect input pins VIN+ and
VIN− as closely as possible to the shunt resistor to minimize any resistance in series with the shunt resistance.
Output resistor RL is shown connected between the OUT pin and ground. Best accuracy is achieved with the
output voltage measured directly across RL. Measuring directly across RL is especially important in high-current
systems where load current could flow in the ground connections and affect measurement accuracy.
No power-supply bypass capacitors are required for stability of the INA1x8-Q1. However, applications with noisy
or high-impedance power supplies may require decoupling capacitors to reject power-supply noise. Connect
bypass capacitors close to the device pins.
10.2 Layout Example
Figure 19. Typical Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com