Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 1 Page - Texas Instruments

  INA138 Datasheet HTML 1Page - Texas Instruments INA138 Datasheet HTML 2Page - Texas Instruments INA138 Datasheet HTML 3Page - Texas Instruments INA138 Datasheet HTML 4Page - Texas Instruments INA138 Datasheet HTML 5Page - Texas Instruments INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Up to 60 V
I
S
V
IN+
R
S
V
IN+
V
IN–
5 kΩ
5 kΩ
R
L
V = I R R / 5 kΩ
O
S
S
L
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA138-Q1, INA168-Q1
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
1
1 Features
1
•
Qualified for Automotive Applications
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
–
Device HBM ESD Classification Level 2
–
Device CDM ESD Classification Level C6
•
Complete Unipolar High-Side Current-
Measurement Circuit
•
Wide Supply and Common-Mode Ranges:
–
INA138-Q1: 2.7 V to 36 V
–
INA168-Q1: 2.7 V to 60 V
•
Independent Supply and Input Common-Mode
Voltages
•
Single Resistor Gain Set
•
Low Quiescent Current (25 µA Typical)
•
Wide Temperature Range: –40°C to +125°C
•
Packages: TSSOP-8, SOT-23-5 (INA168-Q1)
2 Applications
•
Electric Power Steering (EPS) Systems
•
Body Control Modules
•
Brake Systems
•
Electronic Stability Control (ESC) Systems
3 Description
The INA138-Q1 and INA168-Q1 (INA1x8-Q1) devices
are high-side, unidirectional, current sense amplifiers.
Wide
input
common-mode
voltage
range,
low
quiescent
current,
and
TSSOP
and
SOT-23
packaging enable use in a variety of applications.
Input common-mode and power-supply voltages are
independent, and range from 2.7 V to 36 V for the
INA138-Q1, and 2.7 V to 60 V for the INA168-Q1.
Quiescent current is only 25 μA, which permits
connecting the power supply to either side of the
current-measurement shunt with minimal error.
The device converts a differential input voltage to a
current output. This current is converted back to a
voltage with an external load resistor that sets any
gain from 1 to over 100. Although designed for
current
shunt
measurement,
the
circuit
invites
creative applications in measurement and level
shifting.
Both devices are available in a TSSOP-8 package.
The INA168-Q1 is also available in a SOT-23-5
package. Both devices are specified for the –40°C to
+125°C temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA138-Q1
TSSOP (8)
4.40 mm × 3.00 mm
INA168-Q1
INA168-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application Circuit


Similar Part No. - INA138

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Micrel Semiconductor
INA138 MICREL-INA138 Datasheet
1Mb / 10P
TXRX_982_R1 Evaluation Board
logo
Texas Instruments
INA138 TI1-INA138 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138 TI2-INA138 Datasheet
1Mb / 28P
INA1x8 High-Side Measurement Current Shunt Monitor
REVISED DECEMBER 2017
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results

Similar Description - INA138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138 TI-INA138_15 Datasheet
1Mb / 27P
INA1x8 High-Side Measurement Current Shunt Monitor
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Diodes Incorporated
ZXCT1008Q DIODES-ZXCT1008Q Datasheet
774Kb / 9P
AUTOMOTIVE GRADE 20V HIGH-SIDE CURRENT MONITOR
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com