Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA138
Description  INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA138 Datasheet HTML 10Page - Texas Instruments INA138 Datasheet HTML 11Page - Texas Instruments INA138 Datasheet HTML 12Page - Texas Instruments INA138 Datasheet HTML 13Page - Texas Instruments INA138 Datasheet HTML 14Page - Texas Instruments INA138 Datasheet HTML 15Page - Texas Instruments INA138 Datasheet HTML 16Page - Texas Instruments INA138 Datasheet HTML 17Page - Texas Instruments INA138 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
–
–
R = 500k
L
W
R = 50k
L
W
R = 5k
L
W
C = 10nF
L
C = 1nF
L
C = 100pF
L
V
O
C
L
R
L
2 R
p
L
C
L
INA138-Q1
f
–3dB
f
=
–3dB
V
IN+
V
IN–
OUT
GND
14
INA138-Q1, INA168-Q1
SGLS174J – SEPTEMBER 2003 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: INA138-Q1 INA168-Q1
Submit Documentation Feedback
Copyright © 2003–2018, Texas Instruments Incorporated
8.2.2 Output Filter
Filter the output of the INA1x8-Q1 devices.
Figure 12. Output Filter
8.2.2.1 Design Requirements
For this design example, use the input parameters shown in Table 3.
Table 3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Supply voltage, V+
INA138-Q1: 2.7 V to 36 V
INA168-Q1: 2.7 V to 60 V
Common-mode voltage, VCM
INA138-Q1: 2.7 V to 36 V
INA168-Q1: 2.7 V to 60 V
Full-scale shunt voltage, VSENSE
50 mV to 100 mV
Load resistor, RL
5 kΩ to 500 kΩ
8.2.2.2 Detailed Design Procedure
A low-pass filter can be formed at the output of the INA1x8-Q1 simply by placing a capacitor of the desired value
in parallel with the load resistor. First, determine the value of the load resistor needed to achieve the desired gain
by using Table 1. Next, determine the capacitor value that results in the desired cutoff frequency according to the
equation shown in Figure 12. Figure 13 shows various combinations of gain settings (determined by RL) and filter
capacitors.
8.2.2.3 Application Curve
Figure 13. Gain vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com