Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 13Page - Texas Instruments LM2736 Datasheet HTML 14Page - Texas Instruments LM2736 Datasheet HTML 15Page - Texas Instruments LM2736 Datasheet HTML 16Page - Texas Instruments LM2736 Datasheet HTML 17Page - Texas Instruments LM2736 Datasheet HTML 18Page - Texas Instruments LM2736 Datasheet HTML 19Page - Texas Instruments LM2736 Datasheet HTML 20Page - Texas Instruments LM2736 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
LM2736
www.ti.com
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
VOUT = 3.3 V
VOUT = 3.3 V
Figure 18. Efficiency vs Load Current - "X"
Figure 19. Efficiency vs Load Current - "Y"
VOUT = 1.5 V
VOUT = 1.5 V
Figure 20. Efficiency vs Load Current - "X"
Figure 21. Efficiency vs Load Current - "Y"
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com