Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 30 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 26Page - Texas Instruments LM2736 Datasheet HTML 27Page - Texas Instruments LM2736 Datasheet HTML 28Page - Texas Instruments LM2736 Datasheet HTML 29Page - Texas Instruments LM2736 Datasheet HTML 30Page - Texas Instruments LM2736 Datasheet HTML 31Page - Texas Instruments LM2736 Datasheet HTML 32Page - Texas Instruments LM2736 Datasheet HTML 33Page - Texas Instruments LM2736 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM2736XMK/NOPB
Active
Production
SOT-23-
THIN (DDC) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SHAB
LM2736XMK/NOPB.A
Active
Production
SOT-23-
THIN (DDC) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SHAB
LM2736XMKX/NOPB
Active
Production
SOT-23-
THIN (DDC) | 6
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SHAB
LM2736XMKX/NOPB.A
Active
Production
SOT-23-
THIN (DDC) | 6
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SHAB
LM2736YMK/NOPB
Active
Production
SOT-23-
THIN (DDC) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SHBB
LM2736YMK/NOPB.A
Active
Production
SOT-23-
THIN (DDC) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SHBB
LM2736YMKX/NOPB
Active
Production
SOT-23-
THIN (DDC) | 6
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SHBB
LM2736YMKX/NOPB.A
Active
Production
SOT-23-
THIN (DDC) | 6
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SHBB
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com