Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 4Page - Texas Instruments LM2736 Datasheet HTML 5Page - Texas Instruments LM2736 Datasheet HTML 6Page - Texas Instruments LM2736 Datasheet HTML 7Page - Texas Instruments LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
0
0
VIN
VD
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
IPK
SW
Voltage
LM2736
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM2736 device is a constant frequency PWM buck regulator IC that delivers a 750 mA load current. The
regulator has a preset switching frequency of either 550 kHz (LM2736Y) or 1.6 MHz (LM2736X). These high
frequencies allow the LM2736 device to operate with small surface mount capacitors and inductors, resulting in
DC/DC converters that require a minimum amount of board space. The LM2736 device is internally
compensated, so it is simple to use, and requires few external components. The LM2736 device uses current-
mode control to regulate the output voltage.
The following operating description of the LM2736 device will refer to the Simplified Block Diagram (Functional
Block Diagram) and to the waveforms in Figure 11. The LM2736 device supplies a regulated output voltage by
switching the internal NMOS control switch at constant frequency and variable duty cycle. A switching cycle
begins at the falling edge of the reset pulse generated by the internal oscillator. When this pulse goes low, the
output control logic turns on the internal NMOS control switch. During this on-time, the SW pin voltage (VSW)
swings up to approximately VIN, and the inductor current (IL) increases with a linear slope. IL is measured by the
current-sense amplifier, which generates an output proportional to the switch current. The sense signal is
summed with the regulator’s corrective ramp and compared to the error amplifier’s output, which is proportional
to the difference between the feedback voltage and VREF. When the PWM comparator output goes high, the
output switch turns off until the next switching cycle begins. During the switch off-time, inductor current
discharges through Schottky diode D1, which forces the SW pin to swing below ground by the forward voltage
(VD) of the catch diode. The regulator loop adjusts the duty cycle (D) to maintain a constant output voltage.
Figure 11. LM2736 Waveforms of SW Pin Voltage and Inductor Current
8
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com