Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments LM2736 Datasheet HTML 13Page - Texas Instruments LM2736 Datasheet HTML 14Page - Texas Instruments LM2736 Datasheet HTML 15Page - Texas Instruments LM2736 Datasheet HTML 16Page - Texas Instruments LM2736 Datasheet HTML 17Page - Texas Instruments LM2736 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
L =
VO + VD
IO x r x fS
x (1-D)
r =
iL
lO
D =
VO + VD
VIN + VD - VSW
D =
VO
VIN
LM2736
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
www.ti.com
Typical Applications (continued)
Table 1. Bill of Materials for Figure 15 (continued)
PART ID
PART VALUE
PART NUMBER
MANUFACTURER
L1
4.7-µH, 1.7 A,
VLCF4020T- 4R7N1R2
TDK
R1
2 k
Ω, 1%
CRCW06032001F
Vishay
R2
10 k
Ω, 1%
CRCW06031002F
Vishay
R3
100 k
Ω, 1%
CRCW06031003F
Vishay
8.2.1.2.1
Inductor Selection
The Duty Cycle (D) can be approximated quickly using the ratio of output voltage (VO) to input voltage (VIN) as
shown in Equation 14:
(14)
The catch diode (D1) forward voltage drop and the voltage drop across the internal NMOS must be included to
calculate a more accurate duty cycle. Use Equation 15 to Calculate D.
(15)
VSW can be approximated by:
VSW = IO x RDS(ON)
(16)
The diode forward drop (VD) can range from 0.3 V to 0.7 V depending on the quality of the diode. The lower VD
is, the higher the operating efficiency of the converter.
The inductor value determines the output ripple current. Lower inductor values decrease the size of the inductor,
but increase the output ripple current. An increase in the inductor value will decrease the output ripple current.
The ratio of ripple current (
ΔiL) to output current (IO) is optimized when it is set between 0.3 and 0.4 at 750 mA.
The ratio r is defined in .
(17)
One must also ensure that the minimum current limit (1.0 A) is not exceeded, so the peak current in the inductor
must be calculated. Use Equation 18 to calculate the peak current (ILPK) in the inductor.
ILPK = IO + ΔIL/2
(18)
If r = 0.7 at an output of 750 mA, the peak current in the inductor will be 1.0125 A. The minimum ensured current
limit over all operating conditions is 1.0 A. One can either reduce r to 0.6 resulting in a 975 mA peak current, or
make the engineering judgement that 12.5 mA over will be safe enough with a 1.5 A typical current limit and 6
sigma limits. When the designed maximum output current is reduced, the ratio r can be increased. At a current of
0.1 A, r can be made as high as 0.9. The ripple ratio can be increased at lighter loads because the net ripple is
actually quite low, and if r remains constant the inductor value can be made quite large. Equation 19 is
empirically developed for the maximum ripple ratio at any current below 2 A.
r = 0.387 x IOUT
-0.3667
(19)
Note that this is just a guideline.
The LM2736 device operates at frequencies allowing the use of ceramic output capacitors without compromising
transient response. Ceramic capacitors allow higher inductor ripple without significantly increasing output ripple.
See the Output Capacitor section for more details on calculating output voltage ripple.
Now that the ripple current or ripple ratio is determined, the inductance is calculated using Equation 20
(20)
14
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com